Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC4-A5AC-12M800 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VTC4-A5AC-12M800
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC4-A5AC-12M800 Datasheet(HTML) 1 Page - Vectron International, Inc

  VTC4-A5AC-12M800 Datasheet HTML 1Page - Vectron International, Inc VTC4-A5AC-12M800 Datasheet HTML 2Page - Vectron International, Inc VTC4-A5AC-12M800 Datasheet HTML 3Page - Vectron International, Inc VTC4-A5AC-12M800 Datasheet HTML 4Page - Vectron International, Inc VTC4-A5AC-12M800 Datasheet HTML 5Page - Vectron International, Inc VTC4-A5AC-12M800 Datasheet HTML 6Page - Vectron International, Inc VTC4-A5AC-12M800 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VTC4 series
Voltage Controlled Temperature Compensated Crystal Oscillator
The VTC4, VCTXCO
Features
• Clipped Sine Wave Output
• Output Frequencies to 27 MHz
• Fundamental Crystal Design
• Optional VCXO Function available
• Gold over nickel contact pads
Hermetically Sealed Ceramic SMD package
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• Wireless Communications
• Base Stations
• Point to point radios
Broadband Access
Test Equipment
• Handsets
Description
Vectron’s VTC4 Temperature Compensated
Crystal Oscillator (TCXO) is a quartz stabilized,
clipped sine wave output, temperature
compensated oscillator, operating off either 2.8,
3.0, 3.3 or 5.0 volt supply.


Similar Part No. - VTC4-A5AC-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC4 VECTRON-VTC4 Datasheet
440Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
VITALCONN ELECTRONICS H...
VTC402011882-A VITALCONN-VTC402011882-A Datasheet
381Kb / 2P
   SIM H=1.8 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402012992 VITALCONN-VTC402012992 Datasheet
273Kb / 1P
   Under the board SD NO PUSH external welding H=3.0 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013032-A VITALCONN-VTC402013032-A Datasheet
352Kb / 2P
   NANO SIM CARD flip cover H=1.40 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013062 VITALCONN-VTC402013062 Datasheet
518Kb / 2P
   Micro SIM H=1.8 LP vinyl terminal C5191 shell stainless steel
REV: A
More results

Similar Description - VTC4-A5AC-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com