Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS248K Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS248K
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS248K Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS248K Datasheet HTML 1Page - Vectron International, Inc TFS248K Datasheet HTML 2Page - Vectron International, Inc TFS248K Datasheet HTML 3Page - Vectron International, Inc TFS248K Datasheet HTML 4Page - Vectron International, Inc TFS248K Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs248K.doc
version 1.2
08.01.2004
VI TELEFILTER
Filter Specification
TFS 248 K
1/5
TELEFILTER GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Measurement condition
Ambient temperature:
23
C
Input power level:
0 dBm
Terminating impedances*):
for input:
980
// -5,2 pF
for output: 940
// -5,3 pF
Characteristics
Remark:
The maximun of the pass band attenuation amax is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and
lower frequencies at the 3 dB filter attenuation level relative to the insertion lossae. The nominal frequency fN is fixed at 248 MHz without tolerance. The
given values for the absolute attenuation aabs and for the group delay ripple have to be reached at the frequencies given below even if the centre
frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the
centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion Loss
ae
4,1
dB
max.
7
dB
(reference level)
Nominal Frequency
fN
-
248,5
MHz
Centre Frequency
fC
248,5
MHz
-
Pass band
PB
fN
0,2
MHz
Absolute Attenuation
aabs
fN
...fN
±
200
kHz
4,5
dB
max.
7
dB
fN
±
1
MHz ...fN
±
2
MHz
25
dB
min.
15
dB
fN
±
2
MHz ...fN
±
21,4
MHz
42
dB
min.
35
dB
fN
±
21,4
MHz ...fN
±
50
MHz
65
dB
min.
50
dB
Group Delay Ripple within PB
0,04
µs
max.
0,5
µs
Operating Temperature Range
OTR
-
- 20
°C ... + 70 °C
Storage Temperature Range
-
- 40
°C ... + 85 °C
Frequency Inversion Temperature
20
°C
-
Temperature Coefficient of Frequency
TCf **
- 0,04
ppm/k
2
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
f(Hz) = TCf(ppm/K) x (T-T0)² x fTo(MHz).
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS248K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS248A VECTRON-TFS248A Datasheet
53Kb / 4P
   Filter specification
TFS248B VECTRON-TFS248B Datasheet
52Kb / 4P
   SAW filter specification
TFS248C VECTRON-TFS248C Datasheet
30Kb / 2P
   Application Note
TFS248C VECTRON-TFS248C Datasheet
176Kb / 5P
   Filter specification
TFS248C1 VECTRON-TFS248C1 Datasheet
168Kb / 5P
   Filter specification
More results

Similar Description - TFS248K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com