Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDT-9040 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HEDT-9040
Description  High Temperature 140-C Three Channel Optical Incremental Encoder Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDT-9040 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HEDT-9040 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Mounting with Aligning Pins
The HEDT-9040 and HEDT-9140
can also be mounted using
aligning pins on the mounting
surface.
(Agilent does not provide aligning
pins.) For this
configuration,
Side A must be used as the
mounting plane. The aligning
recess centers must be located
within the 0.13 mm (0.005 in.)
Radius Tolerance Circle as
explained in “Mounting
Considerations.” Figure 5 shows
the necessary dimensions.
Figure 6. HEDS-5140 Codewheel Used with HEDT-9140.
Figure 5. Mounting Plane Side A.


Similar Part No. - HEDT-9040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9040 AVAGO-HEDT-9040 Datasheet
322Kb / 10P
   Two Channel Quadrature Output with Index Pulse
More results

Similar Description - HEDT-9040

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com