Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74AC574 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74AC574
Description  Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC574 Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC574 Datasheet HTML 1Page - Integral Corp. IN74AC574 Datasheet HTML 2Page - Integral Corp. IN74AC574 Datasheet HTML 3Page - Integral Corp. IN74AC574 Datasheet HTML 4Page - Integral Corp. IN74AC574 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC574
469
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figure 1)
3.3
5.0
75
95
60
85
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
3.5
2.0
13.5
9.5
3.5
2.0
15
11
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
3.5
2.0
12
8.5
3.5
2.0
13.5
9.5
ns
tPZH
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
2.5
2.0
11
8.5
2.5
2.0
12
9.0
ns
tPZL
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
3.0
1.5
10.5
8.0
3.5
2.0
11.5
9.0
ns
tPHZ
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
4.0
2.0
12
9.5
4.5
2.0
13
10.5
ns
tPLZ
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
2.0
1.5
9.0
7.5
2.5
1.5
10
8.5
ns
CIN
Maximum Input Capacitance
5.0
5.0
5.0
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
25
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS (C
L=50pF, Input tr=tf=3.0 ns)
VCC*
Guaranteed Limit
Symbol
Parameter
V
25
°C-40°C to 85°C
Unit
tSU
Minimum Setup Time, Data to Clock (Figure
3)
3.3
5.0
2.5
1.5
3.0
2.0
ns
th
Minimum Hold Time, Clock to Data (Figure
3)
3.3
5.0
1.5
1.5
1.5
1.5
ns
tw
Minimum Pulse Width, Clcok (Figure 1)
3.3
5.0
6.0
4.0
7.0
5.0
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Similar Part No. - IN74AC574

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74AC574DW IKSEMICON-IN74AC574DW Datasheet
245Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74AC574N IKSEMICON-IN74AC574N Datasheet
245Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74AC574

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT574 KODENSHI-KK74ACT574 Datasheet
341Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC374A INTEGRAL-IN74HC374A Datasheet
115Kb / 5P
   Octal 3-State Noninverting D Flip-Flop (High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT374A KODENSHI-KK74HCT374A Datasheet
248Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT574 IKSEMICON-IN74ACT574 Datasheet
323Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC574 KODENSHI-KK74AC574 Datasheet
338Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC574A IKSEMICON-IN74HC574A Datasheet
195Kb / 7P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT374A IKSEMICON-IN74HCT374A Datasheet
234Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC574A KODENSHI-KK74HC574A Datasheet
219Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com