Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V7288S15PFI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V7288S15PFI
Description  HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7288S15PFI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V7288S15PFI Datasheet HTML 1Page - Integrated Device Technology IDT70V7288S15PFI Datasheet HTML 2Page - Integrated Device Technology IDT70V7288S15PFI Datasheet HTML 3Page - Integrated Device Technology IDT70V7288S15PFI Datasheet HTML 4Page - Integrated Device Technology IDT70V7288S15PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V7288S15PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V7288S15PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V7288S15PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V7288S15PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
6.42
IDT70V7288S/L
64K x 16 3.3V Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
4
Truth Table III – Mailbox Read/Write Control(1)
NOTES:
1.
Chip Enable references are shown above with the actual
CE0 and CE1 levels, CE is a reference only.
2.
Port "A" and "B" references are located where
CE is used.
3.
"H" = VIH and "L" = VIL.
4.
CE and MBSEL cannot be active at the same time.
Truth Table I – Chip Enable(1,2,3,4)
Truth Table II – Non-Contention Read/Write Control
NOTES:
1. BA0L - BA1L
≠ BA0R - BA1R: cannot access same bank simultaneously from both ports.
2. Refer to Truth Table I.
3.
CE and MBSEL cannot both be active at the same time.
NOTES:
1. There are four mailbox locations per port written to and read from all the I/O's (I/O0-I/O15). These four mailboxes are addressed by A0-A5. Refer to Truth Table V.
2. Refer to Truth Table I.
3. Each mailbox location contains a 16-bit word, controllable in bytes by setting input levels to UB and LB appropriately.
CE
CE0
CE1
Mode
L
VIL
VIH
Port Selected (TTL Active)
< 0.2V
>VCC -0.2V
Port Selected (CMOS Active)
H
VIH
X
Port Deselected (TTL Inactive)
XVIL
Port Deselected (TTL Inactive)
>VCC -0.2V
X
Port Deselected (CMOS Inactive)
X<0.2V
Port Deselected (CMOS Inactive)
4077 tbl 02
Inputs
(1)
Outputs
Mode
CE(2)
R/
W
OE
UB
LB
MBSEL
I/O8-15
I/O0-7
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power-Down
X
(3)
XX
H
H
X
(3)
High-Z
High-Z
Both Bytes Deselected
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
L
L
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
LL
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
LH
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
LH
LH
LH
High-Z
DATAOUT
Read Lower Byte Only
LH
L
L
LH
DATAOUT
DATAOUT
Read Both Bytes
X
(3)
XH
X
X
X
(3)
High-Z
High-Z
Outputs Disabled
4077 tbl 03
Inputs
Outputs
Mode
CE(2)
R/
W
OE
UB
LB
MBSEL
I/O8-15
I/O0-7
HH
L
X(3)
X(3)
LDATAOUT
DATAOUT
Read Data from Mailbox,
↓ clears interrupt
H
H
LLL
L
DATAOUT
DATAOUT
Read Data from Mailbox,
↓ clears interrupt
HL
X
L(3)
L(3)
LDATAIN
DATAIN
Write Data into Mailbox
L
XXXX
L
____
____
Not Allowed
4077 tbl 04


Similar Part No. - IDT70V7288S15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT70V7288S15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278 IDT-IDT707278 Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
IDT70V7589S RENESAS-IDT70V7589S Datasheet
599Kb / 23P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JANUARY 2004
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com