Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35047-XXXSP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M35047-XXXSP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047-XXXSP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M35047-XXXSP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35047-XXXSP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35047-XXXSP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35047-XXXSP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35047-XXXSP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35047-XXXSP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35047-XXXSP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35047-XXXSP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35047-XXXSP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
10
DA
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
0
1
REGISTERS DESCRIPTION
Register
Status
Contents
Function
Remarks
DIV0
DIV1
DIV2
DIV3
DIV4
DIV5
DIV6
DIV7
DIV8
DIV9
DIV10
TEST10
SPACE0
SPACE1
SPACE
2
0
0
0
0
1
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
Number of Lines and Space
<(S) represents space>
12
1 (S) 10 (S) 1
2 (S) 8 (S) 2
3 (S) 6 (S) 3
4 (S) 4 (S) 4
5 (S) 2 (S) 5
6 (S) 6
6 (S)(S) 6
(S) represents one line worth of space
Leave one line worth of space in the ver-
tical direction.
For example, 6 (S) 6 indicates two sets
of 6 lines with a line of spaces between
lines 6 and 7.
A line is 18 ! N horizontal scan lines.
N is determined by the character size in
the vertical direction
It should be fixed to "0".
Can not be used.
SPACE2
Set division value (multiply value) of horizontal oscillation frequency.
N1 =
N1 : division value (multiply value)
10
Σ
n = 0
(DIVn ! 2n)
Set display frequency by division value
(multiply value) setting.
For details, see REGISTER
SUPPLEMENTARY DESCRIPTION
(1).
Also, set the display frequency range by
registers DIVS0, DIVS1, DIVS2, RSEL0
and RSEL1(address 12116) in accor-
dance with the display frequency.
Any of this settings above is required
only when EXCK1 = 0, EXCK0 = 1 and
EXCK1 = 1, EXCK0 = 1.
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.
(1) Address 12016


Similar Part No. - M35047-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results

Similar Description - M35047-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35049-XXXFP RENESAS-M35049-XXXFP Datasheet
438Kb / 39P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
   SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35017-XXXSP RENESAS-M35017-XXXSP Datasheet
1Mb / 31P
   SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com