Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V7288S25PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70V7288S25PF
Description  HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7288S25PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70V7288S25PF Datasheet HTML 1Page - Integrated Device Technology IDT70V7288S25PF Datasheet HTML 2Page - Integrated Device Technology IDT70V7288S25PF Datasheet HTML 3Page - Integrated Device Technology IDT70V7288S25PF Datasheet HTML 4Page - Integrated Device Technology IDT70V7288S25PF Datasheet HTML 5Page - Integrated Device Technology IDT70V7288S25PF Datasheet HTML 6Page - Integrated Device Technology IDT70V7288S25PF Datasheet HTML 7Page - Integrated Device Technology IDT70V7288S25PF Datasheet HTML 8Page - Integrated Device Technology IDT70V7288S25PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
6.42
IDT70V7288S/L
64K x 16 3.3V Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
2
Description
The IDT70V7288 is a high-speed 64K x 16 (1M bit) Bank-Switch-
able Dual-Ported SRAM organized into four independent 16K x 16
banks. The device has two independent ports with separate controls,
addresses, and I/O pins for each port, allowing each port to asynchro-
nously access any 16K x 16 memory block not already accessed by the
other port. Accesses by the ports into specific banks are controlled via
bank select pin inputs under the user's control. Mailboxes are provided
to allow inter-processor communications. Interrupts are provided to
indicate mailbox writes have occurred. An automatic power down
feature controlled by the chip enables (
CE0 and CE1) permits the on-
chip circuitry of each port to enter a very low standby power mode and
allows fast depth expansion.
The IDT70V7288 offers a maximum address-to-data access time
as fast as 15ns, and is packaged in a 100-pin Thin Quad Flatpack
(TQFP).
Functionality
The IDT70V7288 is a high-speed asynchronous 64K x 16 Bank-
Switchable Dual-Ported SRAM, organized in four 16K x 16 banks. The
two ports are permitted independent, simultaneous access into sepa-
rate banks within the shared array. There are four user-controlled
Bank Select input pins, and each of these pins is associated with a
specific bank within the memory array. Access to a specific bank is
gained by placing the associated Bank Select pin in the appropriate
state: VIH assigns the bank to the left port, and VIL assigns the bank to
the right port (See Truth Table IV). Once a bank is assigned to a
particular port, the port has full access to read and write within that
bank. Each port can be assigned as many banks within the array as
needed, up to and including all four banks.
The IDT70V7288 provides mailboxes to allow inter-processor
communications. Each port has four 16-bit mailbox registers available
to which it can write and read and which the opposite port can read
only. These mailboxes are external to the common SRAM array, and
are accessed by setting
MBSEL = VIL while setting CE = VIH. Each
mailbox has an associated interrupt: a port can generate an interrupt
to the opposite port by writing to the upper byte of any one of its four
16-bit mailboxes. The interrupted port can clear the interrupt by
reading the upper byte. This read will not alter the contents of the
mailbox.
If desired, any source of interrupt can be independently masked via
software. Two registers are provided to permit interpretation of inter-
rupts: the Interrupt Cause Register and the Interrupt Status Register.
The Interrupt Cause Register gives the user a snapshot of what has
caused the interrupt to be generated - the specific mailbox written to.
The information in this register provides post-mask signals: Interrupt
sources that have been masked will not be updated. The Interrupt
Status Register gives the user the status of all bits that could potentially
cause an interrupt regardless of whether they have been masked.
Truth Table V gives a detailed explanation of the use of these registers.


Similar Part No. - IDT70V7288S25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT70V7288S25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278 IDT-IDT707278 Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
IDT70V7589S RENESAS-IDT70V7589S Datasheet
599Kb / 23P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JANUARY 2004
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com