Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT251 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HCT251
Description  8-Channel TRI-STATE-R Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HCT251 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74HCT251 Datasheet HTML 1Page - National Semiconductor (TI) MM74HCT251 Datasheet HTML 2Page - National Semiconductor (TI) MM74HCT251 Datasheet HTML 3Page - National Semiconductor (TI) MM74HCT251 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation Delay
26
35
ns
A BorCtoY
tPHL tPLH
Maximum Propagation
27
35
ns
Delay A B or C to W
tPHL tPLH
Maximum Propagation
22
31
ns
Delay Any D to Y
tPHL tPLH
Maximum Propagation
24
32
ns
Delay Any D to W
tPZH tPZL
Maximum Output Enable
RLe1kX
19
27
ns
Time W Output
CLe50 pF
tPZH tPZL
Maximum Output Enable
RLe1kX
19
26
ns
Time Y Output
CLe50 pF
tPHZ tPLZ
Maximum Output Disable Time
RLe1kX
26
40
ns
W Output
CLe5pF
tPHZ tPLZ
Maximum Output Disable Time
RLe1kX
27
40
ns
Y Output
CLe5pF
AC Electrical Characteristics VCC e 50V g10% CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
TAeb40 Cto a85 CTAeb55 Cto a125 C Units
Typ
Guaranteed Limits
tPHL tPLH Maximum Propagation Delay
33
46
58
69
ns
A BorCtoY
tPHL tPLH Maximum Propagation
33
46
58
69
ns
Delay A B or C to W
tPHL tPLH Maximum Propagation
27
40
50
60
ns
Delay any D to Y
tPHL tPLH Maximum Propagation
27
40
50
60
ns
Delay any D to W
tPZH tPZL Maximum Output Enable Time RLe1kX
21
30
38
45
ns
W Output
tPZH tPZL Maximum Output Enable Time RLe1kX
21
30
38
45
ns
Y Output
tPHZ tPLZ Maximum Output Disable Time RLe1kX
22
40
50
60
ns
W Output
tPHZ tPLZ Maximum Output Disable Time RLe1kX
23
40
50
60
ns
Y Output
tTHL tTLH Maximum Output Rise
815
19
23
ns
and Fall Time
CPD
Power Dissipation
(per Package)
110
pF
Capacitance (Note 5)
CIN
Maximum Input
510
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3


Similar Part No. - MM74HCT251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HCT253J NSC-MM74HCT253J Datasheet
100Kb / 4P
   Dual 4-Channel TRI-STATE-R Multiplexer
MM74HCT253N NSC-MM74HCT253N Datasheet
100Kb / 4P
   Dual 4-Channel TRI-STATE-R Multiplexer
More results

Similar Description - MM74HCT251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HCT253 NSC-MM54HCT253 Datasheet
100Kb / 4P
   Dual 4-Channel TRI-STATE-R Multiplexer
MM74HC253 NSC-MM74HC253 Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
logo
National Semiconductor ...
DM74LS353 NSC-DM74LS353 Datasheet
106Kb / 6P
   Dual 4-Input Multiplexer with TRI-STATE-R Outputs
DP8303A NSC-DP8303A Datasheet
112Kb / 6P
   8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
DM54S251 NSC-DM54S251 Datasheet
121Kb / 6P
   TRI-STATE 1 of 8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com