Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC181N Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC181N
Description  Arithmetic Logic Units/Function Generators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC181N Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MM74HC181N Datasheet HTML 1Page - National Semiconductor (TI) MM74HC181N Datasheet HTML 2Page - National Semiconductor (TI) MM74HC181N Datasheet HTML 3Page - National Semiconductor (TI) MM74HC181N Datasheet HTML 4Page - National Semiconductor (TI) MM74HC181N Datasheet HTML 5Page - National Semiconductor (TI) MM74HC181N Datasheet HTML 6Page - National Semiconductor (TI) MM74HC181N Datasheet HTML 7Page - National Semiconductor (TI) MM74HC181N Datasheet HTML 8Page - National Semiconductor (TI) MM74HC181N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics VCC e 5V TA e 25 C CL e 15 pF tr e tf e 6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH Maximum Propagation
13
20
ns
Delay from Cn to Cna4
tPHL tPLH Maximum Propagation
Me0V S0eS3eVCC
30
45
ns
Delay from any
S1eS0e0V
AorBtoCNa4
(Sum mode)
tPHL tPLH Maximum Propagation
Me0V S0eS3e0V
30
45
ns
Delay from any
S1eS2eVCC
AorBtoCNa4
(Diff mode)
tPHL tPLH Maximum Propagation
Me0V
20
30
ns
Delay from Cn to any F
(Sum or
Diff mode)
tPHL tPLH Maximum Propagation
Me0V S0e
20
30
ns
Delay from any
S3eVCC
AorBtoG
S1eS2e0V
(Sum mode)
tPHL tPLH Maximum Propagation
Me0V S0e
20
30
ns
Delay from any
S3e0V
AorBtoG
S1eS2eVCC
(Diff mode)
tPHL tPLH Maximum Propagation
Me0V S0e
27
41
ns
Delay from any
S3eVCC
AorBtoP
S1eS2e0V
(Sum mode)
tPHL tPLH Maximum Propagation
Me0V S0e
24
37
ns
Delay from any
S3e0V
AorBtoP
S1eS2eVCC
(Diff mode)
tPHL tPLH Maximum Propagation
Me0V S0e
20
30
ns
Delay from AI or BI to FI S3eVCC
S1eS2e0V
(Sum mode)
tPHL tPLH Maximum Propagation
Me0V S0e
19
29
ns
Delay from AI or BI to FI S3e0V
S1eS2eVCC
(Diff mode)
tPHL tPLH Maximum Propagation
MeVCC
25
37
ns
Delay from AI or BI to FI (Logic mode)
tPHL tPLH Maximum Propagation
Me0V S0e
25
37
ns
Delay from any
S3e0V
AorBtoAeBS1eS2eVCC
(Diff mode)
5


Similar Part No. - MM74HC181N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC107 NSC-MM74HC107 Datasheet
130Kb / 6P
   MM54HC107/MM74HC107 Dual J-K Flip-Flops with Clear
MM74HC107J NSC-MM74HC107J Datasheet
130Kb / 6P
   MM54HC107/MM74HC107 Dual J-K Flip-Flops with Clear
MM74HC107N NSC-MM74HC107N Datasheet
130Kb / 6P
   MM54HC107/MM74HC107 Dual J-K Flip-Flops with Clear
MM74HC11 NSC-MM74HC11 Datasheet
81Kb / 4P
   Triple 3-Input AND Gate
January 1988
MM74HC112 NSC-MM74HC112 Datasheet
275Kb / 6P
   Dual J-K Flip-Flop with Preset and Clear
More results

Similar Description - MM74HC181N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS181B TI-SN54AS181B Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181 TI-SN54LS181 Datasheet
677Kb / 18P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS381A TI-SN54LS381A Datasheet
376Kb / 9P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181 TI1-SN54LS181_15 Datasheet
601Kb / 16P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54AS181B TI1-SN54AS181B_14 Datasheet
349Kb / 17P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS881A TI-SN74AS881A Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com