Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNL10-5 Datasheet(PDF) 2 Page - C&D Technologies

Part # NNL10-5
Description  Non-Isolated DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL10-5 Datasheet(HTML) 2 Page - C&D Technologies

  NNL10-5 Datasheet HTML 1Page - C&D Technologies NNL10-5 Datasheet HTML 2Page - C&D Technologies NNL10-5 Datasheet HTML 3Page - C&D Technologies NNL10-5 Datasheet HTML 4Page - C&D Technologies NNL10-5 Datasheet HTML 5Page - C&D Technologies NNL10-5 Datasheet HTML 6Page - C&D Technologies NNL10-5 Datasheet HTML 7Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Short circuit protection
Continuous
Remote Sense
VOUT±0.5VDC
DC OK
-0.2Vdc to +17VDC
20mA
Remote ON/OFF
-0.2VDC to +17VDC
Trim
-0.3VDC to VOUT
Input Voltage VIN
6.5VDC
Minimum load
0%
ABSOLUTE MAXIMUM RATINGS
NNL10 SERIES
Non-Isolated DC/DC Converters
OUTPUT VOLTAGE TRIMMING
The trimming input on the NNL10 allows output voltage adjustment by +/-10% of nominal output voltage by
connection of a resistor or by application of a voltage to the Trim pin.
To increase the output voltage, an external resistor (Fig. 1) or voltage
source should be connected between the Trim pin and GND pin.
∆Vout is the required change in output voltage in V
To decrease the output voltage, an external resistor (Fig. 2) or voltage source should be connected between
the Trim pin and the V
OUT pin.
The trim pin should be left disconnected if not used.
RTRIM–UP =
24.080
– RINTERNAL KΩ
∆VOUT
VTRIM–UP = 0.8 –
∆VOUT xRINTERNAL
30.100
VTRIM–DOWN = 0.8 + ∆VOUT x
RINTERNAL
30.100
VOUT SET
RINTERNAL
(V)
(kOhm)
0.9
5.1
1.0
30.1
1.2
59.0
1.5
100.0
1.8
100.0
2.0
100.0
2.5
78.7
3.3
59.0
RINTERNAL VALUES
FIG.1
RTRIM
VOUT
GND
TRIM
NNL10
VIN
FIG.2
VOUT
GND
TRIM
NNL10
VIN
RTRIM–DOWN =
VOUT –0.8
–1 x 30.100 – RINTERNAL KΩ
∆VOUT
RTRIM
2
ENVIRONMENTAL1
Parameter
Conditions
MIN
TYP
MAX
Units
Operation
See thermal performance
–40
85
°C
characteristics
Over Temperature Protection
Substrate temperature
115
°C
Storage
–55
125
°C
GENERAL CHARACTERISTICS1
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
300
kHz
Start Delay
From power on/remote off
4.0
ms
Module On (or pin unconnected)
00.3
V
Remote On/Off
100
µA
Module Off
2.6
V
-500
µA
MTTF
TBA
kHrs


Similar Part No. - NNL10-5

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NNL10-5 MURATA-NNL10-5 Datasheet
788Kb / 8P
   Non-Isolated DC/DC Converters
More results

Similar Description - NNL10-5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com