Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNG898CK8 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNG898CK8
Description  3.0 mm InGaAIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNG898CK8 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNG898CK8 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
121
Clear
Clear
Orange
Amber
120
70
20
2.0
2.4
620
17
20
100
4
180
80
20
2.1
2.4
595
15
20
100
4
mcd
mcd
mA
V
V
nm
nm
mA
µAV
Orange
PD(mW)
120
IF(mA)
50
VR(V)
4
Topr(°C)
−25 ∼ +85
Tstg(°C)
−30 ∼ +100
Lighting Color
Amber
120
50
4
−25 ∼ +85 −30 ∼ +100
Round Type
φ 3.0 mm InGaAIP
s Absolute Maximum Ratings (T
a = 25°C)
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
IF
Max
VR
λ
P
∆λ
IR
LNG898CK8
LNG498CK4
Unit
Conventional Part No.
Global Prat No.
Lighting Color
LNG898CK8 ············· LNG898CK8 ············ Orange
LNG498CK4 ············· LNG498CK4 ············ Amber
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Typ
0.45
± 0.1
(1.5)
12
(2.54)
2
− 0.45 ± 0.1
2
− 0.7 Max
φ 3.8 ± 0.2
φ 3.6 ± 0.2
φ 3.0 ± 0.2
R 0.3
IO Ta
500
300
30
50
100
10
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
1000
500
300
50
30
100
10
Directive Characteristics
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
0
20
40
20
60
80
100
40
60
80
100
100
500
600
700
800
0
20
40
60
80
100
20
40
60
80
100
80
60
40
20
0
IF Ta
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
Relative Luminous Intensity
IO IF
Forward Current
Forward Voltage
Ambient Temperature
LNG498CK4
LNG498CK4
LNG498CK4
LNG498CK4
LNG498CK4
LNG498CK4
LNG898CK8
LNG898CK8
LNG898CK8
LNG898CK8
LNG898CK8
LNG898CK8
LNG498CK4
LNG498CK4
LNG498CK4
LNG898CK8
LNG898CK8
LNG898CK8


Similar Part No. - LNG898CK8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG892CF8 PANASONIC-LNG892CF8 Datasheet
29Kb / 1P
   5.0 mm InGaAIP
LNG897CK8 PANASONIC-LNG897CK8 Datasheet
30Kb / 1P
   3.0 mm InGaAIP
More results

Similar Description - LNG898CK8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG897CK8 PANASONIC-LNG897CK8 Datasheet
30Kb / 1P
   3.0 mm InGaAIP
LNW497CK4 PANASONIC-LNW497CK4 Datasheet
29Kb / 1P
   3.0 mm InGaAIP
LNW498CK4 PANASONIC-LNW498CK4 Datasheet
29Kb / 1P
   3.0 mm InGaAIP
LNW4A8YY4 PANASONIC-LNW4A8YY4 Datasheet
20Kb / 1P
   4.0 mm InGaAIP
LNG892CF8 PANASONIC-LNG892CF8 Datasheet
29Kb / 1P
   5.0 mm InGaAIP
LNW8A8SY8 PANASONIC-LNW8A8SY8 Datasheet
20Kb / 1P
   4.0 mm InGaAIP
LNW4B3YF4 PANASONIC-LNW4B3YF4 Datasheet
20Kb / 1P
   5.0 mm InGaAIP
LNW476CK4 PANASONIC-LNW476CK4 Datasheet
29Kb / 1P
   3.2 mm InGaAIP
LNW4A4CN4 PANASONIC-LNW4A4CN4 Datasheet
30Kb / 1P
   5.0 mm InGaAIP
LNG801CF8 PANASONIC-LNG801CF8 Datasheet
30Kb / 1P
   5.0 mm InGaAIP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com