Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNL10-14 Datasheet(PDF) 7 Page - C&D Technologies

Part # NNL10-14
Description  Non-Isolated DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL10-14 Datasheet(HTML) 7 Page - C&D Technologies

  NNL10-14 Datasheet HTML 1Page - C&D Technologies NNL10-14 Datasheet HTML 2Page - C&D Technologies NNL10-14 Datasheet HTML 3Page - C&D Technologies NNL10-14 Datasheet HTML 4Page - C&D Technologies NNL10-14 Datasheet HTML 5Page - C&D Technologies NNL10-14 Datasheet HTML 6Page - C&D Technologies NNL10-14 Datasheet HTML 7Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NNL10 SERIES
Non-Isolated DC/DC Converters
PIN CONNECTIONS
Pin Number
12
3
4
5
6
7
ON/OFF
V
IN
DC OK*
GND
V
OUT
TRIM
SENSE
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies Inc. reserve the right to alter or improve the specification,
internal design or manufacturing process at any time, without notice. Please
check with your supplier or visit our web site to ensure that you have the
current and complete specification for your product before use.
© C&D Technologies Inc. 2004
NDC NNL10.2
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies Inc.
Instructions for use are available from: www.cdpoweronline.com
Unless otherwise stated all dimensions in inches(mm) ±0.01(0.25).
Weight: 5.7g
* Pin 6 (DC OK) is an optional feature which allows multiple NNL10 DC/DC Converters to have sequenced outputs
when used in conjunction with the Remote ON/OFF pin (see application note for further information).
1.3 (33.0)
MECHANICAL DIMENSIONS
SMD Package Style Bottom View
1
2
3
4
5
6
7
0.19
(4.83)
0.297
(7.54)
0.326
(8.28)
MAX
0.062
(1.58)
0.19
(4.83)
0.19
(4.83)
0.19
(4.83)
0.12
(3.04)
0.405
(10.29)
0.112 (2.84)
0.062
(1.57)
0.075 (1.91)
0.530
(13.46)
7
0.048 (1.22)
PACKAGING
12.40(315.00)
Unless otherwise stated all dimensions in inches(mm) ± 0.014(0.35).
1.614(41.0)
1.102
(28.0)
5.354
(136.0)
0.709(18.0)
Tray quantity: 28
+0.020(0.5)
-- 0.00(0.0)
Tray Dimensions (top view)
Pick up location (top view)
0.476(12.08)
0.265(6.73)


Similar Part No. - NNL10-14

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NNL10-14C MURATA-NNL10-14C Datasheet
788Kb / 8P
   Non-Isolated DC/DC Converters
More results

Similar Description - NNL10-14

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com