Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0054001VXC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # 5962-0054001VXC
Description  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-0054001VXC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button 5962-0054001VXC Datasheet HTML 5Page - ATMEL Corporation 5962-0054001VXC Datasheet HTML 6Page - ATMEL Corporation 5962-0054001VXC Datasheet HTML 7Page - ATMEL Corporation 5962-0054001VXC Datasheet HTML 8Page - ATMEL Corporation 5962-0054001VXC Datasheet HTML 9Page - ATMEL Corporation 5962-0054001VXC Datasheet HTML 10Page - ATMEL Corporation 5962-0054001VXC Datasheet HTML 11Page - ATMEL Corporation 5962-0054001VXC Datasheet HTML 12Page - ATMEL Corporation 5962-0054001VXC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
TSC695F
4118H–AERO–06/03
Synchronous Traps
Table 4. Synchronous Traps
Trap
Priority
Trap Type (tt) Comments
Reset
1
Sources: SYSRESET* pin
software reset
watchdog reset
IU or System error reset
Non-restartable, imprecise
error
2
2.1
64h
Severe error requiring a re-boot
TSC695F enters (if not masked) in halt or reset mode
Non-restartable,
precise error
2.2
62h
Error not removable, PC & nPC OK
TSC695F enters (if not masked) in halt or reset mode
Register file error
2.3
65h
Special case of non-restartable, precise error.
TSC695F enters (if not masked) in halt or reset mode
Restartable, late error
2.4
63h
Retrying instruction but PC & nPC have to be re-adjusted
TSC695F enters (if not masked) in halt or reset mode
Restartable,
precise error
2.5
61h
Retrying instruction
TSC695F enters (if not masked) in halt or reset mode
Instruction access
(Error on instruction fetch)
301h
Parity error on control bus
Parity error on data bus
Parity error on address bus
Access to protected or unimplemented area
Uncorrectable error in memory
Bus time out
Bus error
Illegal Instruction
4
02h
Privileged instruction
5
03h
FPU disabled
6
04h
Window
Overflow
7
05h
During SAVE instruction or trap taken
Underflow
06h
During RESTORE instruction or RETT instruction
Memory address not aligned
8
07h
Non-restartable error
9
9.1
08h
Severe error, cannot restart the instruction
Data bus error
9.2
Parity error on FPU data bus
Restartable error
9.3
Can be removed restarting the instruction
Sequence error
9.4
Unimplemented FPop
9.5
IEEE exceptions:
9.6
Invalid operation
Division by zero
Overflow
Underflow
Inexact


Similar Part No. - 5962-0054001VXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-0054001VXC ATMEL-5962-0054001VXC Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results

Similar Description - 5962-0054001VXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com