Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT-13-6036 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CPT-13-6036
Description  Temperature Compensated Power Amplifier 6 GHz - 13 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CPT-13-6036 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CPT-13-6036 Datasheet HTML 1Page - Teledyne Technologies Incorporated CPT-13-6036 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
CPT 13-6036
Temperature Compensated Power Amplifier
6 GHz - 13 GHz
08/05
ISO 9001:2000
6 GHz - 13 GHz
CPT 13-6036
28 dB
Gain Vs Temp at any Frequency: +/-1.25 dB
12 dB
30 dBm
+/-1.5 dB
36 dBm
3580 mA
Contact Factory
HPX8
-54 to +90C
This Power Amplifier offers exceptional performance over the
band 6 GHz to 13 GHz with 30 dBm P1dB output power and 28
dB Gain.


Similar Part No. - CPT-13-6036

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPT-13-6035 TELEDYNE-CPT-13-6035 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6037 TELEDYNE-CPT-13-6037 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
More results

Similar Description - CPT-13-6036

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPT-13-6025 TELEDYNE-CPT-13-6025 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6027 TELEDYNE-CPT-13-6027 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
TPT-13-6026 TELEDYNE-TPT-13-6026 Datasheet
871Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
TPT-13-6015 TELEDYNE-TPT-13-6015 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6026 TELEDYNE-CPT-13-6026 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
TPT-13-6014 TELEDYNE-TPT-13-6014 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
TPT-13-6036 TELEDYNE-TPT-13-6036 Datasheet
871Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6028 TELEDYNE-CPT-13-6028 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6035 TELEDYNE-CPT-13-6035 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6037 TELEDYNE-CPT-13-6037 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com