Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6020X-YYY-TKQ Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6020X-YYY-TKQ
Description  Low-current Microcontroller for Watchdog Function
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6020X-YYY-TKQ Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6020X-YYY-TKQ Datasheet HTML 2Page - ATMEL Corporation ATA6020X-YYY-TKQ Datasheet HTML 3Page - ATMEL Corporation ATA6020X-YYY-TKQ Datasheet HTML 4Page - ATMEL Corporation ATA6020X-YYY-TKQ Datasheet HTML 5Page - ATMEL Corporation ATA6020X-YYY-TKQ Datasheet HTML 6Page - ATMEL Corporation ATA6020X-YYY-TKQ Datasheet HTML 7Page - ATMEL Corporation ATA6020X-YYY-TKQ Datasheet HTML 8Page - ATMEL Corporation ATA6020X-YYY-TKQ Datasheet HTML 9Page - ATMEL Corporation ATA6020X-YYY-TKQ Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
ATA6020N
4708C–4BMCU–02/04
RAM Address Registers
The RAM is addressed with the four 8-bit wide RAM address registers: SP, RP, X and Y.
These registers allow access to any of the 256 RAM nibbles.
Expression Stack Pointer (SP)
The stack pointer contains the address of the next-to-top 4-bit item (TOS-1) of the
expression stack. The pointer is automatically pre-incremented if a nibble is moved onto
the stack or post-decremented if a nibble is removed from the stack. Every post-decre-
ment operation moves the item (TOS-1) to the TOS register before the SP is
decremented. After a reset, the stack pointer has to be initialized with >SP S0 to allocate
the start address of the expression stack area.
Return Stack Pointer (RP)
The return stack pointer points to the top element of the 12-bit wide return stack. The
pointer automatically pre-increments if an element is moved onto the stack, or it post-
decrements if an element is removed from the stack. The return stack pointer incre-
ments and decrements in steps of 4. This means that every time a 12-bit element is
stacked, a 4-bit RAM location is left unwritten. This location is used by the qFORTH
compiler to allocate 4-bit variables. After a reset the return stack pointer has to be initial-
ized via >RP FCh.
RAM Address Registers
(X and Y)
The X and Y registers are used to address any 4-bit item in RAM. A fetch operation
moves the addressed nibble onto the TOS. A store operation moves the TOS to the
addressed RAM location. By using either the pre-increment or post-decrement address-
ing mode arrays in RAM can be compared, filled or moved.
Top of Stack (TOS)
The top of stack register is the accumulator of the MARC4. All arithmetic/logic, memory
reference and I/O operations use this register. The TOS register receives data from the
ALU, ROM, RAM or I/O bus.
Condition Code Register (CCR)
The 4-bit wide condition code register contains the branch, the carry and the interrupt
enable flag. These bits indicate the current state of the CPU. The CCR flags are set or
reset by ALU operations. The instructions SET_BCF, TOG_BF, CCR! and DI allow
direct manipulation of the condition code register.
Carry/Borrow (C)
The carry/borrow flag indicates that the borrowing or carrying out of the arithmetic logic
unit (ALU) occurred during the last arithmetic operation. During shift and rotate opera-
tions, this bit is used as a fifth bit. Boolean operations have no effect on the C-flag.
Branch (B)
The branch flag controls the conditional program branching. Should the branch flag has
been set by a previous instruction a conditional branch will cause a jump. This flag is
affected by arithmetic, logic, shift, and rotate operations.
Interrupt Enable (I)
The interrupt enable flag globally enables or disables the triggering of all interrupt rou-
tines with the exception of the non-maskable reset. After a reset or on executing the DI
instruction, the interrupt enable flag is reset thus disabling all interrupts. The core will not
accept any further interrupt requests until the interrupt enable flag has been set again by
either executing an EI or SLEEP instruction.


Similar Part No. - ATA6020X-YYY-TKQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6020X-YYY-TKQY ATMEL-ATA6020X-YYY-TKQY Datasheet
941Kb / 69P
   Low-current Microcontroller for Watchdog Function
More results

Similar Description - ATA6020X-YYY-TKQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6020N ATMEL-ATA6020N_05 Datasheet
941Kb / 69P
   Low-current Microcontroller for Watchdog Function
ATA6020N ATMEL-ATA6020N_14 Datasheet
3Mb / 68P
   Low-current Microcontroller for Watchdog Function
logo
Seiko Instruments Inc
S1410 SII-S1410 Datasheet
1Mb / 29P
   LOW CURRENT CONSUMPTION WATCHDOG TIMER
logo
ATMEL Corporation
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
ATAR092 ATMEL-ATAR092 Datasheet
1Mb / 107P
   Low-current Microcontroller for Wireless Communication
ATAR892 ATMEL-ATAR892 Datasheet
989Kb / 100P
   Low-current Microcontroller for Wireless Communication
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
   Low-current Microcontroller for Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com