Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F0013CT-20IPT-ES Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC30F0013CT-20IPT-ES
Description  High-Performance Digital Signal Controllers
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0013CT-20IPT-ES Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F0013CT-20IPT-ES Datasheet HTML 7Page - Microchip Technology DSPIC30F0013CT-20IPT-ES Datasheet HTML 8Page - Microchip Technology DSPIC30F0013CT-20IPT-ES Datasheet HTML 9Page - Microchip Technology DSPIC30F0013CT-20IPT-ES Datasheet HTML 10Page - Microchip Technology DSPIC30F0013CT-20IPT-ES Datasheet HTML 11Page - Microchip Technology DSPIC30F0013CT-20IPT-ES Datasheet HTML 12Page - Microchip Technology DSPIC30F0013CT-20IPT-ES Datasheet HTML 13Page - Microchip Technology DSPIC30F0013CT-20IPT-ES Datasheet HTML 14Page - Microchip Technology DSPIC30F0013CT-20IPT-ES Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 220 page
background image
 2004 Microchip Technology Inc.
Advance Information
DS70138C-page 9
dsPIC30F3014/4013
1.0
DEVICE OVERVIEW
This document contains specific information for the
dsPIC30F3014/4013 Digital Signal Controller (DSC)
devices. The dsPIC30F3014/4013 devices contain
extensive Digital Signal Processor (DSP) functionality
within a high-performance 16-bit microcontroller (MCU)
architecture. Figure 1-1 and Figure 1-2 show device
block diagrams for dsPIC30F3014 and dsPIC30F4013
respectively.
FIGURE 1-1:
dsPIC30F3014 BLOCK DIAGRAM
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the dsPIC30F Family Reference
Manual (DS70046). For more information on the device
instruction set and programming, refer to the dsPIC30F
Programmer’s Reference Manual (DS70030).
AN8/RB8
AN9/RB9
AN10/RB10
AN11/RB11
Power-up
Timer
Oscillator
Start-up Timer
POR/BOR
Reset
Watchdog
Timer
Instruction
Decode and
Control
OSC1/CLKI
MCLR
V
DD, VSS
AN4/CN6/RB4
AN12/RB12
Low Voltage
Detect
UART1,
Timing
Generation
AN5/CN7/RB5
16
PCH
PCL
Program Counter
ALU<16>
16
24
24
24
24
X Data Bus
IR
I2C™
DCI
PGC/EMUC/AN6/OCFA/RB6
PGD/EMUD/AN7/RB7
PCU
12-bit ADC
Timers
U2TX/CN18/RF5
EMUC3/SCK1/RF6
Input
Capture
Module
Output
Compare
Module
EMUD1/SOSCI/T2CK/U1ATX/
PORTB
RF0
RF1
U1RX/SDI1/SDA/RF2
EMUD3/U1TX/SDO1/SCL/RF3
PORTD
16
16
16
16 x 16
W Reg Array
Divide
Unit
Engine
DSP
Decode
ROM Latch
16
Y Data Bus
Effective Address
X RAGU
X WAGU
Y AGU
AN0/CN2/RB0
AN1/CN3/RB1
AN2/SS1/LVDIN/CN4/RB2
AN3/CN5/RB3
OSC2/CLKO/RC15
U2RX/CN17/RF4
AV
DD, AVSS
UART2
16
16
16
16
16
PORTC
PORTF
16
16
16
16
8
Interrupt
Controller
PSV & Table
Data Access
Control Block
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Data Latch
Y Data
(1 Kbyte)
RAM
X Data
(1 Kbyte)
RAM
Address
Latch
Address
Latch
Control Signals
to Various Blocks
EMUC2/OC1/RD0
EMUD2/OC2/RD1
RD2
RD3
IC1/INT1/RD8
IC2/INT2/RD9
16
SPI1
Address Latch
Program Memory
(24 Kbytes)
Data Latch
Data EEPROM
(1 Kbyte)
16
CN1/RC13
EMUC1/SOSCO/T1CK/U1ARX/
CN0/RC14
PORTA
INT0/RA11


Similar Part No. - DSPIC30F0013CT-20IPT-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F0013CT-20I MICROCHIP-DSPIC30F0013CT-20I Datasheet
3Mb / 210P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F0013CT-20I/P MICROCHIP-DSPIC30F0013CT-20I/P Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC30F0013CT-20I/P MICROCHIP-DSPIC30F0013CT-20I/P Datasheet
1Mb / 220P
   High-Performance, 16-bit Digital Signal Controllers
12/08/06
DSPIC30F0013CT-20I/P MICROCHIP-DSPIC30F0013CT-20I/P Datasheet
3Mb / 220P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F0013CT-20I/P MICROCHIP-DSPIC30F0013CT-20I/P Datasheet
3Mb / 236P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results

Similar Description - DSPIC30F0013CT-20IPT-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6014 MICROCHIP-DSPIC30F6014 Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F2011 MICROCHIP-DSPIC30F2011 Datasheet
3Mb / 207P
   High-Performance Digital Signal Controllers
2005
DSPIC30F5011 MICROCHIP-DSPIC30F5011 Datasheet
3Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6011A MICROCHIP-DSPIC30F6011A_05 Datasheet
3Mb / 238P
   High-Performance Digital Signal Controllers
2005
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com