Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8555IPWR Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC8555IPWR
Description  16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8555IPWR Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC8555IPWR Datasheet HTML 6Page - Burr-Brown (TI) DAC8555IPWR Datasheet HTML 7Page - Burr-Brown (TI) DAC8555IPWR Datasheet HTML 8Page - Burr-Brown (TI) DAC8555IPWR Datasheet HTML 9Page - Burr-Brown (TI) DAC8555IPWR Datasheet HTML 10Page - Burr-Brown (TI) DAC8555IPWR Datasheet HTML 11Page - Burr-Brown (TI) DAC8555IPWR Datasheet HTML 12Page - Burr-Brown (TI) DAC8555IPWR Datasheet HTML 13Page - Burr-Brown (TI) DAC8555IPWR Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
0
400
800
1200
1600
2000
0
1
2
3
4
5
IOVDD = AVDD = Vref = 5 V
TA = 25°C, SYNC Input (All Other Inputs = GND
CHA Powered Up; All Other Channels in Powerdown
Reference Current Included
VLOGIC (V)
0
200
400
600
800
0
0.5
1
1.5
2
2.5
TA = 25°C, SYNC Input (All Other Inputs = GND
CHA Powered Up; All Other Channels in Powerdown
Reference Current Included
VLOGIC (V)
IOVDD = AVDD = Vref = 2.7 V
0
500
1000
1500
725
750
775
800
825
850
875
900
925
950
975
IDD (µA)
AVDD = Vref = 5 V
Reference Current Included
0
500
1000
1500
600 625 650 675 700 725 750 775 800 825 850 875
IDD (µA)
AVDD = Vref = 2.7 V
Reference Current Included
−100
−90
−80
−70
−60
−50
−40
0
1
2
3
4
5
Output Tone (kHz)
THD
2nd Harmonic
3rd Harmonic
AVDD = Vref = 5 V,
−1 dB FSR Digital Input, Fs = 1 MSPS
Measurement Bandwidth = 20 kHz
−130
−110
−90
−70
−50
−30
−10
0
5000
10000
15000
20000
Frequency − Hz
AVDD = 5 V,
Vref = 4.096,
fclk = 1 MSPS,
Fout = 1 kHz,
THD = 79 dB,
SNR = 96 dB
DAC8555
SLAS475A – NOVEMBER 2005 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
At T
A = 25°C, unless otherwise noted
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
LOGIC INPUT VOLTAGE
LOGIC INPUT VOLTAGE
Figure 19.
Figure 20.
HISTOGRAM OF CURRENT CONSUMPTION
HISTOGRAM OF CURRENT CONSUMPTION
Figure 21.
Figure 22.
POWER SPECTRAL DENSITY
TOTAL HARMONIC DISTORTION
vs
OUTPUT FREQUENCY
Figure 23.
Figure 24.
10


Similar Part No. - DAC8555IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI1-DAC8550 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550B BURR-BROWN-DAC8550B Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550IBDGKR TI1-DAC8550IBDGKR Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results

Similar Description - DAC8555IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com