Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V994PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT5V994PFI
Description  3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V994PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT5V994PFI Datasheet HTML 1Page - Integrated Device Technology IDT5V994PFI Datasheet HTML 2Page - Integrated Device Technology IDT5V994PFI Datasheet HTML 3Page - Integrated Device Technology IDT5V994PFI Datasheet HTML 4Page - Integrated Device Technology IDT5V994PFI Datasheet HTML 5Page - Integrated Device Technology IDT5V994PFI Datasheet HTML 6Page - Integrated Device Technology IDT5V994PFI Datasheet HTML 7Page - Integrated Device Technology IDT5V994PFI Datasheet HTML 8Page - Integrated Device Technology IDT5V994PFI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT5V994
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK PLUS
AUGUST 2002
2002
Integrated Device Technology, Inc.
DSC 5828/4
c
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Ref input is 5V tolerant
• 4 pairs of programmable skew outputs
• Low skew: 200ps same pair, 250ps all outputs
• Selectable positive or negative edge synchronization:
Excellent for DSP applications
• Synchronous output enable
• Input frequency: 17.5MHz to 133MHz
• Output frequency: 17.5MHz to 133MHz
• 2x, 4x, 1/2, and 1/4 outputs (of VCO frequency)
• 3-level inputs for skew control
• PLL bypass for DC testing
• External feedback, internal loop filter
• 12mA balanced drive outputs
• Low Jitter: <200ps cycle-to-cycle
• Available in PLCC and TQFP packages
FUNCTIONAL BLOCK DIAGRAM
sO E
1Q0
Skew
Select
1Q1
1F1:0
3
3
2Q0
Skew
Select
2Q1
2F1:0
3
REF
PLL
FB
3
3Q0
Skew
Select
3Q1
3F1:0
3
3
4Q0
4Q1
Skew
Select
4F1:0
3
3
PE TEST
IDT5V994
3.3V PROGRAMMABLE
SKEW PLL CLOCK DRIVER
TURBOCLOCK™ PLUS
DESCRIPTION
The IDT5V994 is a high fanout 3.3V PLL based clock driver intended for
high performance computing and data-communications applications. A key
feature of the programmable skew is the ability of outputs to lead or lag the
REF input signal. The IDT5V994 has eight programmable skew outputs in
four banks of 2. Skew is controlled by 3-level input signals that may be hard-
wired to appropriate HIGH-MID-LOW levels.
When thesOE pin is held low, all the outputs are synchronously enabled.
However, if sOE is held high, all the outputs except 3Q0 and 3Q1 are
synchronously disabled.
Furthermore, when the PE is held high, all the outputs are synchronized
with the positive edge of the REF clock input. When PE is held low, all the
outputs are synchronized with the negative edge of REF. The IDT5V994
has LVTTL outputs with 12mA balanced drive outputs.


Similar Part No. - IDT5V994PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9910A-2SO IDT-IDT5V9910A-2SO Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9910A-2SOI IDT-IDT5V9910A-2SOI Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9910A-5SO IDT-IDT5V9910A-5SO Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9910A-5SOI IDT-IDT5V9910A-5SOI Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
More results

Similar Description - IDT5V994PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com