Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8831IBD Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8831IBD
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8831IBD Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC8831IBD Datasheet HTML 1Page - Burr-Brown (TI) DAC8831IBD Datasheet HTML 2Page - Burr-Brown (TI) DAC8831IBD Datasheet HTML 3Page - Burr-Brown (TI) DAC8831IBD Datasheet HTML 4Page - Burr-Brown (TI) DAC8831IBD Datasheet HTML 5Page - Burr-Brown (TI) DAC8831IBD Datasheet HTML 6Page - Burr-Brown (TI) DAC8831IBD Datasheet HTML 7Page - Burr-Brown (TI) DAC8831IBD Datasheet HTML 8Page - Burr-Brown (TI) DAC8831IBD Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
DAC8830
DAC8831
SLAS449C – FEBRUARY 2005 – REVISED NOVEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = TMIN to TMAX, VDD = +3 V or VDD = +5 V, VREF = +2.5 V unless otherwise noted; specifications subject
to change without notice.
DAC8830, DAC8831
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE INPUT
Reference input voltage range
1.25
VDD
V
Unipolar mode
9
Reference input impedance(4)
k
Bipolar mode, DAC8831
7.5
Reference –3dB bandwidth, BW
Code = FFFFh
1.3
MHz
Reference feedthrough
Code = 0000h, VREF = 1 VPP at 100 kHz
1
mV
Signal-to-noise ratio, SNR
92
dB
Code = 0000h
75
Reference input capacitance
pF
Code = FFFFh
120
DIGITAL INPUTS
VDD = 2.7 V
0.6
VIL
Input low voltage
V
VDD = 5 V
0.8
VDD = 2.7 V
2.1
VIH
Input high voltage
V
VDD = 5 V
2.4
Input current
±1
µA
Input capacitance
10
pF
Hysteresis voltage
0.4
V
POWER SUPPLY
VDD
Power-supply voltage
2.7
5.5
V
VDD = 3 V
5
20
IDD
Power-supply current
µA
VDD = 5 V
5
20
VDD = 3 V
15
60
Power
µW
VDD = 5 V
25
100
TEMPERATURE RANGE
Specified performance
–40
+85
°C
(4)
Reference input resistance is code-dependent, minimum at 8555h.
4
Submit Documentation Feedback


Similar Part No. - DAC8831IBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8831IBD TI1-DAC8831IBD Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IBDG4 TI1-DAC8831IBDG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IBDR TI1-DAC8831IBDR Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IBDRG4 TI1-DAC8831IBDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

Similar Description - DAC8831IBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com