Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T240WAH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240WAH
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240WAH Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH08T240WAH Datasheet HTML 5Page - Texas Instruments PTH08T240WAH Datasheet HTML 6Page - Texas Instruments PTH08T240WAH Datasheet HTML 7Page - Texas Instruments PTH08T240WAH Datasheet HTML 8Page - Texas Instruments PTH08T240WAH Datasheet HTML 9Page - Texas Instruments PTH08T240WAH Datasheet HTML 10Page - Texas Instruments PTH08T240WAH Datasheet HTML 11Page - Texas Instruments PTH08T240WAH Datasheet HTML 12Page - Texas Instruments PTH08T240WAH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
Ceramic Capacitors
Tantalum, Polymer-Tantalum Capacitors
Capacitor Table
Designing for Fast Load Transients
PTH08T240W
SLTS264A–NOVEMBER 2005–REVISED MARCH 2006
APPLICATION INFORMATION (continued)
When using a combination of one or more non-ceramic capacitors, the calculated equivalent ESR should be no
lower than 2 mΩ (4 mΩ when calculating using the manufacturer’s maximum ESR values). A list of preferred
low-ESR type capacitors, are identified in Table 1.
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They can be
used to reduce the reflected ripple current at the input as well as improve the transient response of the output.
When used on the output their combined ESR is not critical as long as the total value of ceramic capacitors, with
values between 10 µF and 100 µF, does not exceed 3000 µF (non-TurboTrans). In TurboTrans applications,
when ceramic capacitors are used on the output bus, total capacitance including bulk and ceramic types is not to
exceed 14,000 µF.
Tantalum type capacitors are only used on the output bus, and are recommended for applications where the
ambient operating temperature is less than 0°C. The AVX TPS series and Kemet capacitor series are suggested
over many other tantalum types due to their higher rated surge, power dissipation, and ripple current capability.
As a caution, many general-purpose tantalum capacitors have higher ESR, reduced power dissipation, and lower
ripple current capability. These capacitors are also less reliable due to their reduced power dissipation and surge
current ratings. Tantalum capacitors that have no stated ESR or surge current rating are not recommended for
power applications.
Table 1 identifies the characteristics of capacitors from a number of vendors with acceptable ESR and ripple
current (rms) ratings. The recommended number of capacitors required at both the input and output buses is
identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other vendors are available with comparable
specifications. Those listed are for guidance. The RMS ripple current rating and ESR (at 100 kHz) are critical
parameters necessary to ensure both optimum regulator performance and long capacitor life.
The transient response of the dc/dc converter has been characterized using a load transient with a di/dt of
2.5 A/µs. The typical voltage deviation for this load transient is given in the Electrical Characteristics table using
the minimum required value of output capacitance. As the di/dt of a transient is increased, the response of a
converter’s regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent
limitation with any dc/dc converter once the speed of the transient exceeds its bandwidth capability.
If the target application specifies a higher di/dt or lower voltage deviation, the requirement can only be met with
additional low ESR ceramic capacitor decoupling. Generally, with 50% load steps at > 100 A/µs, adding multiple
10 µF ceramic capacitors, 3225 case size, plus 10 × 1 µF, including numerous high frequency ceramics
(≤ 0.1 µF) are all that is required to soften the transient higher frequency edges. Special attention is essential
with regards to location, types, and position of higher frequency ceramic and lower ESR bulk capacitors. DSP,
FPGA and ASIC vendors identify types, location and capacitance required for optimum performance of the high
frequency devices. The details regarding the PCB layout and capacitor/component placement are important at
these high frequencies. Low impedance buses and unbroken PCB copper planes with components located as
close to the high frequency processor are essential for optimizing transient performance. In many instances
additional capacitors may be required to insure and minimize transient aberrations.
9
Submit Documentation Feedback


Similar Part No. - PTH08T240WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T240WAH TI-PTH08T240WAH Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240WAH TI-PTH08T240WAH Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
More results

Similar Description - PTH08T240WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_07 Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com