Selected language     English  ā–¼


I103H Datasheet(PDF) 4 Page - Interpion semiconductor

Part No. I103H
Description  Voltage and Current Controller
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERPION [Interpion semiconductor]
Homepage  http://www.interpion.com/
Logo 

 
 4 page
background image
IP103H
Dec. 2002
- 4 -
WWW.INTERPIONSEMI.COM
Voltage and Current Controller
Adjustable Shunt Regulator
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Recommended Cathode
Current
Ik
0.5
100
mA
Reference Input Voltage
Vref
2.475
2.5
2.525
V
Reference Input Voltage
Deviation
dVref
Vka=Vref, Ik=10mA
-40OC < Ta <105OC
7
30
mV
Load Regulation
Rload
Ik=1mA~10mA
3
10
mV
Minimum Cathode Current
for Regulation
Imin
0.2
0.5
mA
ELECTRICAL CHARACTERISTICS
Ta = 25OC, VCC = 5V, VEE=GND (unless otherwise specified. )




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR400WActive Bias Controller Supplies stable bias current even at low battery voltage and extreme ambient temperature variation 1 2 3 4 5 MoreSiemens Semiconductor Group
AP4313CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TSM1013Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors 1 2 3 4 5 MoreSTMicroelectronics
TSM101VOLTAGE AND CURRENT CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
TSM1011Constant Voltage and Constant Current Controller for Battery Chargers and Adapters 1 2 3 4 5 MoreSTMicroelectronics
TSM105CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS 1 2 3 4 5 MoreSTMicroelectronics
TSM1012LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS 1 2 3 4 5 MoreSTMicroelectronics
TSM1051CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS 1 2 3 4 5 MoreSTMicroelectronics
TSM108AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
BD6550GCONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl