Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNJ020W9BRAV Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNJ020W9BRAV
Description  Surface Mounting Chip LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ020W9BRAV Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNJ020W9BRAV Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
Unit: mm
1: Anode
2: Cathode
Conventional Part No.
Global Prat No.
Lighting Color
LNJ020W9BRAV ······ LNJ020W9BRAV ····· White
Surface Mounting Chip LED
1.6
± 0.10
0.30
± 0.10
0.30
± 0.10
12
12
s Absolute Maximum Ratings (T
a = 25 ± 3°C)
s Main Specification
P(mW) IFDC(mA) IRDC(mA) Topr(°C)
Tstg(°C)
Lighting Color
White
75
20
100
−30 ∼ +85 −40 ∼ +100
Unit
Max
Min
Typ
Condition
Symbol
Item
Forward Voltage
Reverse Voltage
Luminous Intensity
Chromatic coordinates
VF
VR
IO
x
y
IF = 10 mA
IR = 10 mA
IF = 10 mA DC
IF = 10 mA DC
IF = 10 mA DC
3.2
3.7
V
0.9
1.3
V
100
60
mcd
0.255
0.315
0.250
0.405
Limit
IO Ta
500
300
30
50
100
10
0
−20
80
100
60
40
20
1.0
2.0
3.0
5.0
6.0
4.0
100
50
30
5
3
10
1
IF VF
0
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Ambient Temperature
Forward Current
Forward Voltage
Ambient Temperature
3
1
5
10
50 100
300
30
300
100
50
30
5
3
10
1
IO IF
Directive Characteristics
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity


Similar Part No. - LNJ020W9BRAV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ024X4ARA PANASONIC-LNJ024X4ARA Datasheet
378Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ026X8BRA PANASONIC-LNJ026X8BRA Datasheet
109Kb / 3P
   Surface Mount LEDs
More results

Similar Description - LNJ020W9BRAV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN1251C PANASONIC-LN1251C Datasheet
31Kb / 1P
   LED Surface Mounting Chip Led
LNJ010C6BRAV PANASONIC-LNJ010C6BRAV Datasheet
29Kb / 1P
   Surface Mounting Chip LED
LNJ115W89RA PANASONIC-LNJ115W89RA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ115W8ARA PANASONIC-LNJ115W8ARA Datasheet
29Kb / 1P
   Surface Mounting Chip LED
LNJ208R8ARA PANASONIC-LNJ208R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ211R8ARA PANASONIC-LNJ211R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ8L4C18RAA PANASONIC-LNJ8L4C18RAA Datasheet
393Kb / 3P
   Surface Mounting Chip LED
LNJ826W86RA PANASONIC-LNJ826W86RA Datasheet
353Kb / 3P
   Surface Mounting Chip LED
LNJ03004BDD3 PANASONIC-LNJ03004BDD3 Datasheet
653Kb / 3P
   Surface Mounting Chip LED
LNJ03004BND1 PANASONIC-LNJ03004BND1 Datasheet
649Kb / 3P
   Surface Mounting Chip LED
LNJ308G8TRA PANASONIC-LNJ308G8TRA_08 Datasheet
336Kb / 3P
   Surface Mounting Chip LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com