Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS140F Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS140F
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS140F Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS140F Datasheet HTML 1Page - Vectron International, Inc TFS140F Datasheet HTML 2Page - Vectron International, Inc TFS140F Datasheet HTML 3Page - Vectron International, Inc TFS140F Datasheet HTML 4Page - Vectron International, Inc TFS140F Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tfs140F.doc
Version 1.5
08.01.2001
VI TELEFILTER
Filter Specification
TFS 140F - 1/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
1. Measurement condition
Ambient temperature TA:
25 °C
Input power level:
0 dBm.
Terminating impedances at fc:
for input:
740
 - 8,35 pF.
for output:
700
 - 9,40 pF.
Q-value of matching elements:
≥ 50
2. Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 140F is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower
frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the
reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating
temperature range is not included in the production tolerance scheme
Data
typ. value
tolerance / limit
Insertion loss (Reference level)
ae
18,5...19 dB
max.
20 dB
Centre frequency
fc at ambient temperature TA (fCAT)
140,01 MHz
140 ± 0,06 MHz
Pass band (PB) at ambient temperature TA:fC - 1,6 MHz.....fC + 1,6 MHz
Amplitude ripple (p-p):
fC ..... fC ± 1,35 MHz
0,5...0,7 dB
max.
1 dB
Bandwidth
at ambient temperature:
1 dB - band width
2,87 MHz
min. 2,70 MHz
3 dB - band width
3,23 MHz
min. 3,20 MHz
40 dB - band width
4,62 MHz
max. 4,70 MHz
45 dB - band width
4,69 MHz
Relative attenuation
arel
fC
............
fC ± 1,35 MHz
0,6 dB
max.
1 dB
fC ± 1,35 MHz
.....
fC ± 1,6
MHz
2,5 dB
max.
3 dB
fC ± 2,35 MHz
.....
fC ±
6
MHz
45...50 dB
min.
40 dB
fC ± 6
MHz
.....
fC ± 40
MHz
50....70 dB
min.
45 dB
Group delay ( mean value in PB ):
1,69 µs
max. 2,5 µs
Group delay ripple in PB (p-p):
100 ns
max. 200 ns
Deviation from linear phase in PB (p-p):
4° ( r.m.s. 0,9° )
max.
Input
VSWR (S11) in PB :
1,6 : 1
max. 2 : 1
Output VSWR (S22) in PB :
1,6 : 1
max. 2 : 1
Triple transit attenuation compared to main signal
41...42 dB
min.
40 dB
Crosstalk
50...60 dB
Substrate material
Quartz
Frequency inversion temperature ( To )
28° C
Temperature coefficient of frequency ( Tcf )
-0,04
ppm/K²
Frequency deviation of fc over temperature: * )
∆fc(Hz) = Tcf(ppm/K) x (T - To)² x fTo (MHz)
Operating temperature range
0 °C ... + 70 °C
Storage temperature range
- 40 °C ... + 85 °C
* ) fTo is reference frequence fc at frequency inversion temperature (To )
Generated:
Dunzow W.P.
Checked/Approved:
Dr. Bert Wall


Similar Part No. - TFS140F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS140 ETC1-TFS140 Datasheet
68Kb / 5P
   Filter specification
logo
Vectron International, ...
TFS1400 VECTRON-TFS1400 Datasheet
184Kb / 5P
   Vectron International Filter specification
TFS1400A VECTRON-TFS1400A Datasheet
200Kb / 5P
   Vectron International Filter specification
TFS140A VECTRON-TFS140A Datasheet
38Kb / 4P
   Filter Specification
TFS140A1 VECTRON-TFS140A1 Datasheet
73Kb / 5P
   Filter Specification
More results

Similar Description - TFS140F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com