Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS140G Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS140G
Description  Filter Specificationl
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS140G Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS140G Datasheet HTML 1Page - Vectron International, Inc TFS140G Datasheet HTML 2Page - Vectron International, Inc TFS140G Datasheet HTML 3Page - Vectron International, Inc TFS140G Datasheet HTML 4Page - Vectron International, Inc TFS140G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
tfs 140G.doc
Version 1.3
28.11.2000
VI TELEFILTER
Filter Specification
TFS 140G - 5/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
8. History
Version
Reason of Changes
Name
Date
1.0
Generate specification according to customer requirements
Dunzow W.
03.05.2000
Modify insertion loss and triple transit attenuation according to our simulations
1.1
Change next parameters according to customer requirements :
Dunzow W.
22.06.2000
- filter name from TFS 140G1 to TFS 140G,
- limit value of ILo from ILo = max. 19 dB to ILo = max. 20 dB,
- limit value of Centre frequency from 140 ± 0,03 MHz to 140 ± 0,06 MHz,
- limit value of Pass band from fC ± 0,77 MHz to fC ± 0,80 MHz,
- limit value of Stop band from fC ± 1,20 MHz to fC ± 1,25 MHz,
- limit value of TTS from min. 37 dB to min. 40 dB,
- input and output pin positions.
Add next parameters according to customer requirements:
- limit value of VSWR : max. 2 : 1 ,
- theoretical matching network scheme.
1.2
Change the following parameters according to customer requirements :
A Jaffer
13.09.2000
- limit value of Pass band from fC ± 0,8 MHz to fC ± 0,85 MHz,
- Relative attenuation (3 dB) from fC ± 0,8 MHz to fC ± 0,85 MHz,
- Relative attenuation (40 dB) from fC ± 1,25 MHz to fC ± 1,3 MHz,
1.3
Generate Filter specification.
Dunzow W.
28.11.2000
Add limit value of ripple in fC - 0,7 MHz .... fC + 0,7 MHz. max. 1 dB.


Similar Part No. - TFS140G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS140G1 VECTRON-TFS140G1 Datasheet
115Kb / 5P
   Filter specification
More results

Similar Description - TFS140G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS170L VECTRON-TFS170L Datasheet
39Kb / 5P
   Filter Specificationl
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
FBGC-3-1.4G MERRIMAC-FBGC-3-1.4G Datasheet
91Kb / 2P
   FILTER
FBGI-2.2G MERRIMAC-FBGI-2.2G Datasheet
99Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com