Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F1013CT-30IS-ES Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC30F1013CT-30IS-ES
Description  High-Performance Digital Signal Controllers
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F1013CT-30IS-ES Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC30F1013CT-30IS-ES Datasheet HTML 1Page - Microchip Technology DSPIC30F1013CT-30IS-ES Datasheet HTML 2Page - Microchip Technology DSPIC30F1013CT-30IS-ES Datasheet HTML 3Page - Microchip Technology DSPIC30F1013CT-30IS-ES Datasheet HTML 4Page - Microchip Technology DSPIC30F1013CT-30IS-ES Datasheet HTML 5Page - Microchip Technology DSPIC30F1013CT-30IS-ES Datasheet HTML 6Page - Microchip Technology DSPIC30F1013CT-30IS-ES Datasheet HTML 7Page - Microchip Technology DSPIC30F1013CT-30IS-ES Datasheet HTML 8Page - Microchip Technology DSPIC30F1013CT-30IS-ES Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 220 page
background image
dsPIC30F3014/4013
DS70138C-page 2
Advance Information
 2004 Microchip Technology Inc.
Special Microcontroller Features (Cont.):
• Programmable code protection
• In-Circuit Serial Programming™ (ICSP™)
• Selectable Power Management modes:
- Sleep, Idle and Alternate Clock modes
CMOS Technology:
• Low power, high speed Flash technology
• Wide operating voltage range (2.5V to 5.5V)
• Industrial and Extended temperature ranges
• Low power consumption
dsPIC30F3014/4013 Controller Family
Pin Diagrams
Device
Pins
Program Memory
SRAM
Bytes
EEPROM
Bytes
Timer
16-bit
Input
Cap
Output
Comp/Std
PWM
Codec
Interface
A/D 12-bit
100 Ksps
Bytes Instructions
dsPIC30F3014 40/44
24K
8K
2048
1024
3
2
2
-
13 ch
2
1
1
0
dsPIC30F4013 40/44
48K
16K
2048
1024
5
4
4
AC’97, I2S
13 ch
2
1
1
1
PGD/EMUD/AN7/RB7
PGC/EMUC/AN6/OCFA/RB6
RF0
RF1
RD2
IC1/INT1/RD8
AN8/RB8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
MCLR
V
DD
Vss
IC2/INT2/RD9
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
OSC2/CLKO/RC15
OSC1/CLKIN
AN9/RB9
AN10/RB10
AN11/RB11
AN12/RB12
EMUD2/OC2/RD1
AV
DD
AVss
RD3
Vss
V
DD
EMUC3/SCK1/RF6
U1RX/SDI1/SDA/RF2
EMUD3/U1TX/SDO1/SCL/RF3
EMUC2/OC1/RD0
V
DD
U2RX/CN17/RF4
U2TX/CN18/RF5
AN4/CN6/RB4
AN2/SS1/LVDIN/CN4/RB2
AN1/V
REF-/CN3/RB1
AN0/V
REF+/CN2/RB0
AN5/CN7/RB5
INT0/RA11
Vss
AN3/CN5/RB3
40-Pin PDIP


Similar Part No. - DSPIC30F1013CT-30IS-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F1013CT-30I MICROCHIP-DSPIC30F1013CT-30I Datasheet
3Mb / 210P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F1013CT-30I/P MICROCHIP-DSPIC30F1013CT-30I/P Datasheet
1Mb / 220P
   High-Performance, 16-bit Digital Signal Controllers
12/08/06
DSPIC30F1013CT-30I/P MICROCHIP-DSPIC30F1013CT-30I/P Datasheet
3Mb / 220P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F1013CT-30I/P MICROCHIP-DSPIC30F1013CT-30I/P Datasheet
3Mb / 236P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F1013CT-30I/P MICROCHIP-DSPIC30F1013CT-30I/P Datasheet
3Mb / 226P
   High-Performance, 16-Bit Digital Signal Controllers
01/02/08
More results

Similar Description - DSPIC30F1013CT-30IS-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6014 MICROCHIP-DSPIC30F6014 Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F2011 MICROCHIP-DSPIC30F2011 Datasheet
3Mb / 207P
   High-Performance Digital Signal Controllers
2005
DSPIC30F5011 MICROCHIP-DSPIC30F5011 Datasheet
3Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6011A MICROCHIP-DSPIC30F6011A_05 Datasheet
3Mb / 238P
   High-Performance Digital Signal Controllers
2005
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com