Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F0013BT-20EW-ES Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F0013BT-20EW-ES
Description  High-Performance Digital Signal Controllers
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0013BT-20EW-ES Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F0013BT-20EW-ES Datasheet HTML 1Page - Microchip Technology DSPIC30F0013BT-20EW-ES Datasheet HTML 2Page - Microchip Technology DSPIC30F0013BT-20EW-ES Datasheet HTML 3Page - Microchip Technology DSPIC30F0013BT-20EW-ES Datasheet HTML 4Page - Microchip Technology DSPIC30F0013BT-20EW-ES Datasheet HTML 5Page - Microchip Technology DSPIC30F0013BT-20EW-ES Datasheet HTML 6Page - Microchip Technology DSPIC30F0013BT-20EW-ES Datasheet HTML 7Page - Microchip Technology DSPIC30F0013BT-20EW-ES Datasheet HTML 8Page - Microchip Technology DSPIC30F0013BT-20EW-ES Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 220 page
background image
 2004 Microchip Technology Inc.
Advance Information
DS70138C-page 1
dsPIC30F3014/4013
High-Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
• Flexible addressing modes
• 84 base instructions
• 24-bit wide instructions, 16-bit wide data path
• Up to 48 Kbytes on-chip Flash program space
• 2 Kbytes of on-chip data RAM
• 1 Kbyte of non-volatile data EEPROM
• 16 x 16-bit working register array
• Up to 30 MIPs operation:
- DC to 40 MHz external clock input
- 4 MHz-10 MHz oscillator input with
PLL active (4x, 8x, 16x)
• Up to 33 interrupt sources:
- 8 user selectable priority levels
- 3 external interrupt sources
- 4 processor traps
DSP Features:
• Dual data fetch
• Modulo and Bit-reversed modes
• Two 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single cycle hardware fractional/
integer multiplier
• All DSP instructins are single cycle
- Multiply-Accumulate (MAC) operation
• Single cycle ±16 shift
Peripheral Features:
• High current sink/source I/O pins: 25 mA/25 mA
• Up to five 16-bit timers/counters; optionally pair up
16-bit timers into 32-bit timer modules
• Up to four 16-bit Capture input functions
• Up to four 16-bit Compare/PWM output functions
• Data Converter Interface (DCI) supports common
audio Codec protocols, including I2S and AC’97
• 3-wire SPI™ module (supports 4 Frame modes)
•I2C™ module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• Up to two addressable UART modules with FIFO
buffers
• CAN bus module compliant with CAN 2.0B
standard
Analog Features:
• 12-bit Analog-to-Digital Converter (A/D) with:
- 100 Ksps conversion rate
- Up to 13 input channels
- Conversion available during Sleep and Idle
• Programmable Low Voltage Detection (PLVD)
• Programmable Brown-out Detection and Reset
generation
Special Microcontroller Features:
• Enhanced Flash program memory:
- 10,000 erase/write cycle (min.) for
industrial temperature range, 100K (typical)
• Data EEPROM memory:
- 100,000 erase/write cycle (min.) for
industrial temperature range, 1M (typical)
• Self-reprogrammable under software control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with on-chip low
power RC oscillator for reliable operation
• Fail-Safe Clock Monitor operation:
- Detects clock failure and switches to on-chip
low power RC oscillator
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the dsPIC30F Family Reference
Manual (DS70046). For more information on the device
instruction set and programming, refer to the dsPIC30F
Programmer’s Reference Manual (DS70030).
dsPIC30F3014/4013 High-Performance
Digital Signal Controllers


Similar Part No. - DSPIC30F0013BT-20EW-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F0013BT-20E MICROCHIP-DSPIC30F0013BT-20E Datasheet
3Mb / 210P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F0013BT-20E MICROCHIP-DSPIC30F0013BT-20E Datasheet
3Mb / 210P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F0013BT-20E/PF-ES MICROCHIP-DSPIC30F0013BT-20E/PF-ES Datasheet
3Mb / 248P
   General Purpose and Sensor Families High-Performance Digital Signal Controllers
2004
DSPIC30F0013BT-20E/PT-ES MICROCHIP-DSPIC30F0013BT-20E/PT-ES Datasheet
3Mb / 248P
   General Purpose and Sensor Families High-Performance Digital Signal Controllers
2004
More results

Similar Description - DSPIC30F0013BT-20EW-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6014 MICROCHIP-DSPIC30F6014 Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F2011 MICROCHIP-DSPIC30F2011 Datasheet
3Mb / 207P
   High-Performance Digital Signal Controllers
2005
DSPIC30F5011 MICROCHIP-DSPIC30F5011 Datasheet
3Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6011A MICROCHIP-DSPIC30F6011A_05 Datasheet
3Mb / 238P
   High-Performance Digital Signal Controllers
2005
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com