Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ46S Datasheet(PDF) 10 Page - International Rectifier

Part # IRFZ46S
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ46S Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFZ46S Datasheet HTML 2Page - International Rectifier IRFZ46S Datasheet HTML 3Page - International Rectifier IRFZ46S Datasheet HTML 4Page - International Rectifier IRFZ46S Datasheet HTML 5Page - International Rectifier IRFZ46S Datasheet HTML 6Page - International Rectifier IRFZ46S Datasheet HTML 7Page - International Rectifier IRFZ46S Datasheet HTML 8Page - International Rectifier IRFZ46S Datasheet HTML 9Page - International Rectifier IRFZ46S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFZ46S/L
Tape & Reel Information
D2Pak
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97
3
4
4
TR R
FE E D DIRE CTIO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E E D DIRE CTIO N
10. 90 (.429)
10. 70 (.421)
16. 10 (.634)
15. 90 (.626)
1. 75 (.0 69 )
1. 25 (.0 49 )
11 .6 0 (. 45 7 )
11 .4 0 (. 44 9 )
15 .4 2 (.60 9 )
15 .2 2 (.60 1 )
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
1 3.5 0 (. 532 )
1 2.8 0 (. 504 )
33 0.0 0
(14. 17 3)
M AX .
2 7.4 0 (1 .079 )
2 3.9 0 (.9 41)
6 0.0 0 (2 .36 2)
M IN .
3 0.4 0 (1 .19 7)
M A X .
26 .40 (1. 03 9)
24 .40 (.961)
NO T ES :
1. C O M F O R M S T O EIA -418 .
2. CO NTRO LLIN G DIM EN SIO N : M ILLIM E TER .
3. DIM E NS IO N M EA S URE D @ HUB .
4. IN C LU D ES F L AN GE D IST OR T ION @ OU T E R ED GE.


Similar Part No. - IRFZ46S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ46 IRF-IRFZ46 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A)
IRFZ46 IRF-IRFZ46 Datasheet
85Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)
logo
New Jersey Semi-Conduct...
IRFZ46 NJSEMI-IRFZ46 Datasheet
110Kb / 2P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFZ46 VISHAY-IRFZ46 Datasheet
963Kb / 8P
   Power MOSFET
18-Jul-08
logo
International Rectifier
IRFZ46L IRF-IRFZ46L Datasheet
360Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRFZ46S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com