Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT18502PM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT18502PM
Description  SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18502PM Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT18502PM Datasheet HTML 1Page - Texas Instruments SN74ABT18502PM Datasheet HTML 2Page - Texas Instruments SN74ABT18502PM Datasheet HTML 3Page - Texas Instruments SN74ABT18502PM Datasheet HTML 4Page - Texas Instruments SN74ABT18502PM Datasheet HTML 5Page - Texas Instruments SN74ABT18502PM Datasheet HTML 6Page - Texas Instruments SN74ABT18502PM Datasheet HTML 7Page - Texas Instruments SN74ABT18502PM Datasheet HTML 8Page - Texas Instruments SN74ABT18502PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN74ABT18502
SCAN TEST DEVICE
WITH 18-BIT REGISTERED BUS TRANSCEIVER
SCBS753 – FEBRUARY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
test architecture
Serial test information is conveyed by means of a four-wire test bus or TAP that conforms to IEEE Std
1149.1-1990. Test instructions, test data, and test control signals are all passed along this serial test bus. The
TAP controller monitors two signals from the test bus, namely TCK and TMS. The function of the TAP controller
is to extract the synchronization (TCK) and state control (TMS) signals from the test bus and generate the
appropriate on-chip control signals for the test structures in the device. Figure 1 shows the TAP controller state
diagram.
The TAP controller is fully synchronous to the TCK signal. Input data is captured on the rising edge of TCK and
output data changes on the falling edge of TCK. This scheme ensures that data to be captured is valid for fully
one-half of the TCK cycle.
The functional block diagram shows the IEEE Std 1149.1-1990 four-wire test bus and boundary-scan
architecture and the relationship between the test bus, the TAP controller, and the test registers. As illustrated,
the device contains an 8-bit instruction register (IR) and four test data registers (DRs): an 84-bit boundary-scan
register (BSR), a 21-bit boundary-control register (BCR), a 1-bit bypass register, and a 32-bit device
identification register (IDR).
Test-Logic-Reset
Run-Test/Idle
Select-DR-Scan
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Update-DR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = L
TMS = H
TMS = L
Exit2-DR
Select-IR-Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Update-IR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
Exit2-IR
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
Figure 1. TAP Controller State Diagram


Similar Part No. - SN74ABT18502PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT18502PM TI-SN74ABT18502PM Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PMG4 TI-SN74ABT18502PMG4 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PMR TI-SN74ABT18502PMR Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PMRG4 TI-SN74ABT18502PMRG4 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
More results

Similar Description - SN74ABT18502PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT18502 TI-SN54ABT18502 Datasheet
409Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502 TI-SN74ABT18502_06 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN54ABT18502 TI1-SN54ABT18502_14 Datasheet
487Kb / 32P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54LVT18502 TI1-SN54LVT18502_08 Datasheet
504Kb / 31P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18502 TI-SN54LVT18502 Datasheet
405Kb / 29P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com