Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64884FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M64884FP
Description  Transistor for VCO,1st IF MIX,2-multiple circuit built-in 500MHz/1GHz Dual PLL Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64884FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M64884FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
M64884FP
Transistor for VCO,1st IF MIX,2-multiple circuit built-in 500MHz/1GHz Dual PLL Synthesizer
MITSUBISHI ICs (Cordless Telephone)
Ver 1.0
Nov 25,1998
MITSUBISHI
ELECTRIC
9. Lock Detection, PD Output
6
Note 10) The PD output is placed in the "Source" status when the phase of local oscillator div ision output
is behind the phase comparison f requency. It is placed in the "Sink" status when the phase of
local oscillator div ision output adv ances.
11) "
" means high impedance status.
12) When the phase diff erence that is 8 times or less* of the OSC f requency c ontinues 15 or more
cyc les of comparison f requency (Fref ), LOCK output is placed in the "L" status.
(*625ns when a 12.8MHz oscillator is used)
13) When the power supply of each sy stem is turned off , the LOCK output status goes to "H".
14) The LOCK output circuit is an open drain output of t he N channel MOS transistor. Use this circuit
with pull-up.
Comparison
Frequency
Local Oscillator
div ision output
PD output
LOCK output
Source
Sink
1
2
3
15
14


Similar Part No. - M64884FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64886FP RENESAS-M64886FP Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
More results

Similar Description - M64884FP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
TRF1112 TI-TRF1112_07 Datasheet
1Mb / 25P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Down-Conversion
TRF1121 TI-TRF1121_07 Datasheet
1Mb / 27P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Toshiba Semiconductor
TA31145FNG TOSHIBA-TA31145FNG Datasheet
577Kb / 14P
   FM IF DETECTION IC FOR PAGER(BUILT-IN 2ND MIX)
TA31142FNG TOSHIBA-TA31142FNG Datasheet
510Kb / 13P
   FM IF DETECTION IC FOR PAGER(BUILT-IN 2ND MIX)
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
   1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com