Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS170L Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS170L
Description  Filter Specificationl
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS170L Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS170L Datasheet HTML 1Page - Vectron International, Inc TFS170L Datasheet HTML 2Page - Vectron International, Inc TFS170L Datasheet HTML 3Page - Vectron International, Inc TFS170L Datasheet HTML 4Page - Vectron International, Inc TFS170L Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tfs170l.doc
version 2.0
28.02.01
______________________________________________________________________________________________________
VI TELEFILTER
Filter Specification
TFS 170 L
2/5
______________________________________________________________________________________________________
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603)
598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Construction and Pin Connection
(All dimensions in mm)
15,32 ±0,20
6,50 ±0,20
2,0Max.
1,91
0,2
7,62
0,2
1,0
0,2
1,9
0,2
120°
TFS170L
N09
1
Datecode
50
Ω matching circuit
L2
Output
50 Ohm
C2
Input
50 Ohm
C1
L1
SAW
10
5
1,2,3,4,6,7,8,9
1
Input RF return
2
Ground
3
Ground
4
Ground
5
Output
6
Output RF return
7
Ground
8
Ground
9
Ground
10
Input
Datecode:
Year+week
L
1999
M
2000
N
2001
...


Similar Part No. - TFS170L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS170 VECTRON-TFS170 Datasheet
67Kb / 4P
   Specification
TFS1709 VECTRON-TFS1709 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS170D VECTRON-TFS170D Datasheet
58Kb / 4P
   Specification
TFS170D VECTRON-TFS170D Datasheet
238Kb / 5P
   Filter specification
TFS170D VECTRON-TFS170D_06 Datasheet
238Kb / 5P
   Filter specification
More results

Similar Description - TFS170L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS140G VECTRON-TFS140G Datasheet
87Kb / 5P
   Filter Specificationl
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
FBGC-3-1.4G MERRIMAC-FBGC-3-1.4G Datasheet
91Kb / 2P
   FILTER
FBGI-2.2G MERRIMAC-FBGI-2.2G Datasheet
99Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com