Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207A502ML Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6207A502ML
Description  CMOS Low Power Consumption
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207A502ML Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6207A502ML Datasheet HTML 1Page - Torex Semiconductor XC6207A502ML Datasheet HTML 2Page - Torex Semiconductor XC6207A502ML Datasheet HTML 3Page - Torex Semiconductor XC6207A502ML Datasheet HTML 4Page - Torex Semiconductor XC6207A502ML Datasheet HTML 5Page - Torex Semiconductor XC6207A502ML Datasheet HTML 6Page - Torex Semiconductor XC6207A502ML Datasheet HTML 7Page - Torex Semiconductor XC6207A502ML Datasheet HTML 8Page - Torex Semiconductor XC6207A502ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
XC6207 Series
Data Sheet
ud200527
MARK
OUTPUT VOLTAGE
100mV step
OUTPUT VOLTAGE
50mV step
PRODUCT
SERIES
A
N
XC6207Axxxxx
B
P
XC6207Bxxxxx
MARK
OUTPUT VOLTAGE(V)
MARK OUTPUT VOLTAGE(V)
0
-
3.1
-
3.15
F
1.6
4.6 1.65 4.65
1
-
3.2
-
3.25
H
1.7
4.7 1.75 4.75
2
-
3.3
-
3.35
K
1.8
4.8 1.85 4.85
3
-
3.4
-
3.45
L
1.9
4.9 1.95 4.95
4
-
3.5
-
3.55
M
2.0
5.0 2.05
-
5
-
3.6
-
3.65
N
2.1
-
2.15
-
6
-
3.7
-
3.75
P
2.2
-
2.25
-
7
0.8
3.8
0.85 3.85
R
2.3
-
2.35
-
8
0.9
3.9
0.95 3.95
S
2.4
-
2.45
-
9
1.0
4.0
1.05 4.05
T
2.5
-
2.55
-
A
1.1
4.1
1.15 4.15
U
2.6
-
2.65
-
B
1.2
4.2
1.25 4.25
V
2.7
-
2.75
-
C
1.3
4.3
1.35 4.35
X
2.8
-
2.85
-
D
1.4
4.4
1.45 4.45
Y
2.9
-
2.95
-
E
1.5
4.5
1.55 4.55
Z
3.0
-
3.05
-
MARK
PRODUCT SERIES
7
XC6207xxxxxx
MARKING RULE
Represents product series
Represents type of regulator
Represents production lot number
0 to 9, A to Z reverse character 0 to 9, A to Z repeated
(G, I, J, O, Q, W excepted)
Represents output voltage
SOT-25
(TOP VIEW)
③ ④
12
3
54
SOT-89-5
(TOP VIEW)
52
4
12
3


Similar Part No. - XC6207A502ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207A122EL TOREX-XC6207A122EL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ER TOREX-XC6207A122ER Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ML TOREX-XC6207A122ML Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122MR TOREX-XC6207A122MR Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122PL TOREX-XC6207A122PL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6207A502ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com