Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS400C2 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS400C2
Description  SAW Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS400C2 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS400C2 Datasheet HTML 1Page - Vectron International, Inc TFS400C2 Datasheet HTML 2Page - Vectron International, Inc TFS400C2 Datasheet HTML 3Page - Vectron International, Inc TFS400C2 Datasheet HTML 4Page - Vectron International, Inc TFS400C2 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tfs400c2.doc
version 1.0
23.05.2000
_____________________________________________________________________________________________________
VI TELEFILTER
SAW Filter Specification
TFS 400 C2
2/5
_____________________________________________________________________________________________________
VI TELEFILTER
Vectron International Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Construction, pin configuration and 50
Ω - matching network
(All dimensions in mm)
400 C
M20
Date code
3
1
5
7
50 Ohm Test circuit 1
2
1
6
5
4, 7, 8
LB-IN
LB-OUT
SAW
C1
L1
C2
L4
L3
L5
L2
3
50 Ohm Test circuit 2
2
1
6
5
4, 7, 8
LB-IN
LB-OUT
SAW
L1
C1
L2
C4
C3
3
L3
C2
Date code:
Year + week
K
1998
L
1999
M
2000
...
Pin 1
Sym. Output
Pin 5
Sym. Input
Pin 2
Sym. Output
Pin 6
Sym. Input
Pin 3
External Coil
Pin 7
Ground
Pin 4,8 Package Ground


Similar Part No. - TFS400C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS400C VECTRON-TFS400C Datasheet
81Kb / 5P
   SAW Filter Specification
More results

Similar Description - TFS400C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS248B VECTRON-TFS248B Datasheet
52Kb / 4P
   SAW filter specification
TFS270A1 VECTRON-TFS270A1 Datasheet
54Kb / 4P
   SAW filter specification
TFS101 VECTRON-TFS101 Datasheet
55Kb / 4P
   SAW-Filter Specification
TFS460B VECTRON-TFS460B Datasheet
48Kb / 4P
   SAW filter specification
TFS241A VECTRON-TFS241A Datasheet
48Kb / 4P
   SAW filter specification
TFS195 VECTRON-TFS195 Datasheet
53Kb / 5P
   SAW Filter Specification
TFS276 VECTRON-TFS276 Datasheet
52Kb / 4P
   SAW filter specification
TFS400B VECTRON-TFS400B Datasheet
50Kb / 5P
   SAW Filter Specification
TFS360C VECTRON-TFS360C Datasheet
55Kb / 4P
   SAW Filter Specification
TFS246H2 VECTRON-TFS246H2 Datasheet
51Kb / 4P
   SAW filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com