Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT77C102B-CB02YV- Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT77C102B-CB02YV-
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C102B-CB02YV- Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT77C102B-CB02YV- Datasheet HTML 7Page - ATMEL Corporation AT77C102B-CB02YV- Datasheet HTML 8Page - ATMEL Corporation AT77C102B-CB02YV- Datasheet HTML 9Page - ATMEL Corporation AT77C102B-CB02YV- Datasheet HTML 10Page - ATMEL Corporation AT77C102B-CB02YV- Datasheet HTML 11Page - ATMEL Corporation AT77C102B-CB02YV- Datasheet HTML 12Page - ATMEL Corporation AT77C102B-CB02YV- Datasheet HTML 13Page - ATMEL Corporation AT77C102B-CB02YV- Datasheet HTML 14Page - ATMEL Corporation AT77C102B-CB02YV- Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
5364A–BIOM–09/05
AT77C102B
Figure 3-6.
Functional Description
3.2
Sensor
Each pixel is a sensor in itself. The sensor detects a temperature difference between the begin-
ning of an acquisition and the reading of the information: this is the integration time. The
integration time begins with a reset of the pixel to a predefined initial state. Note that the integra-
tion time reset has nothing to do with the reset of the digital section.
Then, at a rate depending on the sensitivity of the pyroelectric layer, on the temperature varia-
tion between the reset and the end of the integration time, and for the duration of the integration
time, electrical charges are generated at the pixel level.
3.3
Analog-to-digital Converter/ Reconstructing an 8-bit Fingerprint Image
An analog-to-digital converter (ADC) is used to convert the analog signal coming from the pixel
into digital data that can be used by a processor.
As the data rate for the parallel port and the USB is in the range of 1 MB per second, and at least
a rate of 500 frames per second is needed to reconstruct the image with a fair sweeping speed
of the finger, two 4-bit ADCs have been used to output two pixels at a time on one byte.
3.4
Start Sequence
A reset is not necessary between each frame acquisition.
The start sequence must consist in:
1.
Setting the RST pin to high.
2.
Setting the RST pin to low.
3.
Sending 4 clock pulses (due to pipe-line).
4.
Sending clock pulses to skip the first frame.
Note that after a reset it is recommended to skip the first 200 slices to stabilize the acquisition.
Figure 3-7.
Start Sequence
8
latches
Chip
temperature
sensor
Column selection
Line sel
Odd
Even
8 lines of 280 columns of pixels
4-bit
ADC
ADC
8
1 dummy column
4
4
Amp
De0-3
Do0-3
1
2
3
4
4-bit
1
4
3
1
2
1
1124
Clock PCLK
Reset RST
4 + 1124 clock pulses to skip the first frame


Similar Part No. - AT77C102B-CB02YV-

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B-CB02YV ATMEL-AT77C102B-CB02YV Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
More results

Similar Description - AT77C102B-CB02YV-

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B ATMEL-AT77C102B_07 Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
FCD4B14 ATMEL-FCD4B14 Datasheet
265Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Transko Electronics, In...
1ZTTCW TRANSKO-1ZTTCW Datasheet
401Kb / 1P
   CERAMIC RESONATORS (2.0 X 2.5 X 1.2 / 0.55 mm)
Rev. 1: Jul. 2014
logo
Hamamatsu Corporation
R11265U-M4 HAMAMATSU-R11265U-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
logo
STANLEY ELECTRIC CO.,LT...
KW1448A STANLEY-KW1448A Datasheet
315Kb / 13P
   5.0 x 5.0 mm (t=0.55 mm) Type White LED
logo
EHAOAN.
EH-C201KRKT EHAOAN-EH-C201KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
EH-C281KSKT EHAOAN-EH-C281KSKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.0 x 0.5 x 0.4 mm
EH-C201TGKT-5A EHAOAN-EH-C201TGKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
EH-C281TBKT-5A EHAOAN-EH-C281TBKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.0 x 0.5 x 0.4 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com