Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS443 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS443
Description  Filter Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS443 Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS443 Datasheet HTML 1Page - Vectron International, Inc TFS443 Datasheet HTML 2Page - Vectron International, Inc TFS443 Datasheet HTML 3Page - Vectron International, Inc TFS443 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
tfs443.doc
version 1.1
06.01.02
______________________________________________________________________________________________________
SAW-Resonatorfilter
Filter Specification
TFS 443 3/4
______________________________________________________________________________________________________
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Stability Characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
100g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,075 mm or 1g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Damp heat:
90 % to 95 % rel. humidity, 40 °C, 10 days;
(steady state)
DIN IEC 68 - 2 - 3
4. Resistance to
solder heat (reflow):
max. 2 times reflow process;
for temperature conditions refer to the attached "Air reflow temperature conditions" on sheet 4;
Packing
Tape & Reel:
IEC 286 - 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel: 3000
Do
Po
E
F
W
P1
EMBOSSED CARRIER TAPE
COVER TAPE
G
P 2
Bo
A o
13,4
± 0,1
D 1
Tape (all dimensions in mm)
W
:
16
± 0,3
Po
:
4
± 0,1
Do
:
1,5
+ 0,5
E
:
1,75 ± 0,1
F
:
7,5 ± 0,1
G (min) :
0,75
P2
:
2
± 0,05
P1
:
8
± 0,1
D1(min) :
1,5
Ao
:
5,3
± 0,1
Bo
:
9,7
± 0,1
D1
:
1,5
+ 0,5
A
C
N
W 1
W 2
Reel (all dimensions in mm):
A
:
330
W1
:
16,4 +2
W2 (max) :
22,4
N (min)
:
>= 90
C
:
13
± 0,25
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape.
The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on
the right side of the tape.


Similar Part No. - TFS443

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS440 VECTRON-TFS440 Datasheet
163Kb / 5P
   Filter specification
TFS440A VECTRON-TFS440A Datasheet
160Kb / 5P
   Filter specification
TFS440C VECTRON-TFS440C Datasheet
84Kb / 5P
   Vectron International Filter specification
TFS440 VECTRON-TFS440_00 Datasheet
163Kb / 5P
   Filter specification
TFS446A VECTRON-TFS446A Datasheet
31Kb / 5P
   Filter Specification
More results

Similar Description - TFS443

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com