Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS455D Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS455D
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS455D Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS455D Datasheet HTML 1Page - Vectron International, Inc TFS455D Datasheet HTML 2Page - Vectron International, Inc TFS455D Datasheet HTML 3Page - Vectron International, Inc TFS455D Datasheet HTML 4Page - Vectron International, Inc TFS455D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 455d.doc
Version 1.1
11.06.2004
VI TELEFILTER
Filter specification
TFS 455D
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filter characteristic
Construction and pin connection
(All dimensions in mm)
50 Ω Test circuit
455D
● S24
1
Ground
2
Input
3
Ground
4
Ground
5
Ground
6
Output
7
Ground
8
Ground
Date code:
Year + week
S
2004
T
2005
U
2006
...
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
447
448.6 450.2 451.8 453.4
455
456.6 458.2 459.8 461.4
463
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
frequency in MHz
447
448.6 450.2 451.8 453.4
455
456.6 458.2 459.8 461.4
463
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
L1
L2
1, 3, 4, 5, 7, 8
6
2


Similar Part No. - TFS455D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS455A VECTRON-TFS455A Datasheet
148Kb / 5P
   Filter specification
TFS455A1 VECTRON-TFS455A1 Datasheet
145Kb / 5P
   Filter specification
TFS455B VECTRON-TFS455B Datasheet
143Kb / 5P
   Filter specification
More results

Similar Description - TFS455D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com