Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5805T Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HFBR-5805T
Description  HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5805T Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5805T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5805T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5805T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5805T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5805T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5805T Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5805T Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5805T Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5805T Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Regulatory Compliance
These transceiver products are
intended to enable commercial
system designers to develop
equipment that complies with
the various international
regulations governing certifica-
tion of Information Technology
Equipment. See the Regulatory
Compliance Table for details.
Additional information is
available from your Agilent
sales representative.
Electrostatic Discharge (ESD)
There are two design cases in
which immunity to ESD
damage is important.
The first case is during
handling of the transceiver
prior to mounting it on the
circuit board. It is important
to use normal ESD handling
precautions for ESD sensitive
devices. These precautions
include using grounded wrist
straps, work benches, and
floor mats in ESD controlled
areas.
Feature
Test Method
Performance
Electrostatic Discharge (ESD) to
the Electrical Pins
MIL-STD-883C
Method 3015.4
Meets Class 1 (<1999 Volts).
Withstand up to 1500 V applied between electrical pins.
Electrostatic Discharge (ESD) to
the Duplex SC Receptacle
Variation of
IEC 801-2
Typically withstand at least 25 kV without damage when the Duplex SC
Connector Receptacle is contacted by a Human Body Model probe.
Electromagnetic Interference
(EMI)
FCC Class B
CENELEC CEN55022
Class B (CISPR 22B)
VCCI Class 2
Transceivers typically provide a 13 dB margin (with duplex SC receptacle) or a 9
dB margin (with duplex ST receptacles) to the noted standard limits when
tested at a certified test range with the transceiver mounted to a circuit card
without a chassis enclosure.
Immunity
Variation of
IEC 801-3
Typically show no measurable effect from a 10 V/m field swept from 10 to 450
MHz applied to the transceiver when mounted to a circuit card without a
chassis enclosure.
The second case to consider is
static discharges to the exterior
of the equipment chassis con-
taining the transceiver parts.
To the extent that the duplex
SC connector is exposed to the
outside of the equipment
chassis it may be subject to
whatever ESD system level test
criteria that the equipment is
intended to meet.
Electromagnetic Interference (EMI)
Most equipment designs
utilizing these high speed
transceivers from Agilent will
be required to meet the
requirements of FCC in the
United States, CENELEC
EN55022 (CISPR 22) in Europe
and VCCI in Japan.
These products are suitable for
use in designs ranging from a
desktop computer with a single
transceiver to a concentrator
or switch product with large
number of transceivers.
In all well-designed chassis,
the two 0.5" holes required for
ST connectors to protrude
Regulatory Compliance Table
through will provide 4.6 dB
more shielding than one 1.2"
duplex SC rectangular cutout.
Thus, in a well-designed
chassis, the duplex ST 1 x 9
transceiver emissions will be
identical to the duplex SC 1 x
9 transceiver emissions.
Figure 9. Transmitter Output Optical Spectral
Width (FWHM) vs. Transmitter Output Optical
Center Wavelength and Rise/Fall Times.
200
100
l
C – TRANSMITTER OUTPUT OPTICAL RISE/
FALL TIMES – ns
1280
1300
1320
180
160
140
120
1360
1340
1.0
1.5
2.5
3.0
2.0
HFBR-5805 TRANSMITTER TEST RESULTS
OF l
C,
Dl
AND t
r/f ARE CORRELATED AND
COMPLY WITH THE ALLOWED SPECTRAL WIDTH
AS A FUNCTION OF CENTER WAVELENGTH FOR
VARIOUS RISE AND FALL TIMES.
1260
t
r/f – TRANSMITTER
OUTPUT OPTICAL
RISE/FALL TIMES – ns
3.0


Similar Part No. - HFBR-5805T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803A HP-HFBR-5803A Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803AT HP-HFBR-5803AT Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803T HP-HFBR-5803T Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
More results

Similar Description - HFBR-5805T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com