Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5805A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFBR-5805A
Description  HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5805A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFBR-5805A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Package
The overall package concept
for the Agilent transceivers
consists of three basic
elements; the two optical
subassemblies, an electrical
subassembly and the housing
as illustrated in Figure 1 and
Figure 1a.
The package outline drawing
and pin out are shown in
Figures 2, 2a and 3. The
details of this package outline
and pin out are compliant
with the multisource definition
of the 1 x 9 SIP. The low
profile of the Agilent
transceiver design complies
with the maximum height
allowed for the duplex SC
connector over the entire
length of the package.
The optical subassemblies
utilize a high volume assembly
process together with low cost
lens elements which result in a
cost effective building block.
The electrical subassembly
consists of a high volume
multilayer printed circuit
board on which the IC chips
and various surface-mounted
passive circuit elements are
attached.
The package includes internal
shields for the electrical and
optical subassemblies to ensure
low EMI emissions and high
immunity to external EMI
fields.
The outer housing including
the duplex SC connector or
the duplex ST ports is molded
of filled nonconductive plastic
to provide mechanical strength
and electrical isolation. The
solder posts of the Agilent
design are isolated from the
circuit design of the
transceiver and do not require
connection to a ground plane
on the circuit board.
Figure 1. SC Connector Block Diagram
The transceiver is attached to
a printed circuit board with
the nine signal pins and the
two solder posts which exit
the bottom of the housing. The
two solder posts provide the
primary mechanical strength to
withstand the loads imposed
on the transceiver by mating
with duplex or simplex SC or
ST connectored fiber cables.
TOP VIEW
PIN PHOTODIODE
DUPLEX SC
RECEPTACLE
OPTICAL
SUBASSEMBLIES
LED
PREAMP IC
DATA OUT
SIGNAL
DETECT OUT
DATA IN
ELECTRICAL SUBASSEMBLY
QUANTIZER IC
DRIVER IC
DIFFERENTIAL
SINGLE-ENDED
DIFFERENTIAL
DATA OUT
SIGNAL
DETECT OUT
DATA IN
ELECTRICAL SUBASSEMBLY
QUANTIZER IC
DRIVER IC
TOP VIEW
PIN PHOTODIODE
DUPLEX ST
RECEPTACLE
OPTICAL
SUBASSEMBLIES
LED
PREAMP IC
DIFFERENTIAL
SINGLE-ENDED
DIFFERENTIAL
Figure 1a. ST Connector Block Diagram.


Similar Part No. - HFBR-5805A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803A HP-HFBR-5803A Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803AT HP-HFBR-5803AT Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803T HP-HFBR-5803T Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
More results

Similar Description - HFBR-5805A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com