Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS465A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS465A
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS465A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS465A Datasheet HTML 1Page - Vectron International, Inc TFS465A Datasheet HTML 2Page - Vectron International, Inc TFS465A Datasheet HTML 3Page - Vectron International, Inc TFS465A Datasheet HTML 4Page - Vectron International, Inc TFS465A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TFS465A.doc
version 1.1
25.07.03
VI TELEFILTER
Filter specification
TFS 465A
1/5
Tele Filter GmbH
Potsdamer Stra
ße 18
D-14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Measurement condition
Ambient temperature:
23
C
Input power level:
0 dBm
Terminating impedances:
input:
50
output: 50
Characteristics
Remark:
The maximum of the pass band attenuation amax is defined as the insertion lossae. The nominal frequency fN is fixed at 465,0 MHz without
tolerance. The given values for the absoult attenuation ae have to be reached at the frequencies given below even if the centre frequency fc is
shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre
frequency fc.
D a t a
typ. value
Variation/ Limitation
Insertion loss (within PB)
ae = amax
2,56
dB
max.
4,8
dB
Nominal frequency
fN
-
465
MHz
Passband
PB
10,0
MHz
fN ±
2,5
MHz
Absolute attenuation in OTR
fN -
464,7
MHz ....... fN -
12,5
MHz
52
dB
min.
48
dB
fN -
12,5
MHz ....... fN -
7,5
MHz
45
dB
min.
37
dB
Absolute attenuation (within temperature range:+15
°C ... 40°C)
fN +
12,5
MHz ....... fN +
7,5
MHz
52
dB
min.
40
dB
fN +
20,0
MHz ....... fN + 735,0 MHz
60
dB
min.
40
dB
fN + 735,0 MHz ....... fN + 1235,0 MHz
40
dB
min.
30
dB
fN + 1235,0 MHz ....... fN + 1535,0 MHz
40
dB
min.
15
dB
VSWR
within PB (at 23
°C)
1,95
max.
2,1
Temperature coefficient of frequency
TCf*
- 32
ppm/K
-
Operating temperature range OTR
-10
°C ... + 85 °C
Storage temperature range
-30
°C ... + 85 °C
*)
fc(Hz) = Tcf(ppm/K) x (T - TA) x fC (MHz)
generated
:
checked / approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS465A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS465A1 VECTRON-TFS465A1 Datasheet
173Kb / 5P
   Filter specification
More results

Similar Description - TFS465A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com