Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS471 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS471
Description  Filter Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS471 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS471 Datasheet HTML 1Page - Vectron International, Inc TFS471 Datasheet HTML 2Page - Vectron International, Inc TFS471 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
tfs471.doc
version 1.1
06.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Filter Specification
TFS 471
1/3
______________________________________________________________________________________________________
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedance:
310
Ω || -1,1 pF
Construction and pin connection
see page 2
50
Ω test circuit
see page 2
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 471 is the maximum of the pass band attenuation amax. The maximum of the attenuation
within the usable signal bandwidth is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower
frequencies at the 3dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 471,55 MHz without tolerance.
The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre
frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for
the centre frequency fo
D a t a
typ. value
Variation/ Limitation
______________________________________________________________________________________________________
Insertion loss
ae = amax
3,5
dB
max.
5
dB
(Reference level)
______________________________________________________________________________________________________
Nominal frequency
fN
-
471,55 MHz
______________________________________________________________________________________________________
Centre frequency
f0
471,55 MHz
-
______________________________________________________________________________________________________
3 dB - bandwidth
BW
280
kHz
-
______________________________________________________________________________________________________
Usable signal bandwidth
-min. fN
± 10 kHz
______________________________________________________________________________________________________
Relative attenuation
arel
fN + 910 kHz
min.
52
dB
______________________________________________________________________________________________________
Temperature coefficient of frequency
TCf
-0,036 ppm/K
2
-
______________________________________________________________________________________________________
Frequency inversion temperature
+ 25 °C
______________________________________________________________________________________________________
Operating temperature range
- 20°C ... + 70°C
______________________________________________________________________________________________________
Generated:
Checked / approved:


Similar Part No. - TFS471

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS471A VECTRON-TFS471A Datasheet
51Kb / 4P
   Filter Specification
TFS471A1 VECTRON-TFS471A1 Datasheet
51Kb / 4P
   Filter Specification
TFS471B VECTRON-TFS471B Datasheet
49Kb / 4P
   Filter specification
TFS471C VECTRON-TFS471C Datasheet
50Kb / 4P
   Filter Specification
TFS471D VECTRON-TFS471D Datasheet
49Kb / 4P
   Filter specification
More results

Similar Description - TFS471

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com