Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40815DCE1 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL40815DCE1
Description  10GHz Fixed Modulus DIVIDE 4
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40815DCE1 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL40815DCE1 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40815DCE1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40815DCE1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40815DCE1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40815DCE1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40815DCE1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40815DCE1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL40815DCE1 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40815DCE1 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ZL40815
Data Sheet
9
Zarlink Semiconductor Inc.
Figure 9 - Pout, Freq, Temp @ Vcc = 5.25 V
ZL40815_Pout_Frequency_sweep, Vcc = 5.25v
-6
-5
-4
-3
-2
-1
0
1
2
1000000000
10000000000
i/p frequency (Hz)
Device 1,Temperature = -40°C
Device 1,Temperature = 25°C
Device 1,Temperature = 85°C


Similar Part No. - ZL40815DCE1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCE ZARLINK-ZL40810DCE Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCF ZARLINK-ZL40810DCF Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
More results

Similar Description - ZL40815DCE1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
logo
United Monolithic Semic...
CND2047 UMS-CND2047 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
logo
Zarlink Semiconductor I...
ZL40804 ZARLINK-ZL40804_06 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
logo
Zarlink Semiconductor I...
ZL40804 ZARLINK-ZL40804 Datasheet
442Kb / 13P
   6 GHz FIXED MODULUS DEVIDE 4
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
logo
United Monolithic Semic...
CND2047-DAG UMS-CND2047-DAG_15 Datasheet
120Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com