Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C1M16E5-60TC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C1M16E5-60TC
Description  5V 1M횞16 CMOS DRAM (EDO)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C1M16E5-60TC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C1M16E5-60TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
®
AS4C1M16E5
4/11/01; v.1.0
Alliance Semiconductor
P. 6 of 22
Write cycle
Read-modify-write cycle
Refresh cycle
Symbol
Parameter
-45
-50
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tWCS
Write command setup time
0
0
0
ns
14
tWCH
Write command hold time
10
10
10
ns
14
tWP
Write command pulse width
10
10
10
ns
tRWL
Write command to RAS lead time
10
10
10
ns
tCWL
Write command to CAS lead time
8
8
10
ns
tDS
Data-in setup time
0
0
0
ns
15
tDH
Data-in hold time
8
8
10
ns
15
Symbol
Parameter
-45
-50
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tRWC
Read-write cycle time
105
113
135
ns
tRWD
RAS to WE delay time
65
67
77
ns
14
tCWD
CAS to WE delay time
30
32
35
ns
14
tAWD
Column address to WE delay time
40
42
47
ns
14
Symbol
Parameter
-45
-50
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tCSR
CAS setup time (CAS-before-RAS)
5–
5
5–
ns
6
tCHR
CAS hold time (CAS-before-RAS)8
8
10
ns
6
tRPC
RAS precharge to CAS hold time
0–
0
0–
ns
tCPT
CAS precharge time
(CBR counter test)
10
10
10
ns


Similar Part No. - AS4C1M16E5-60TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50JC ETC1-AS4C1M16F5-50JC Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50JI ETC1-AS4C1M16F5-50JI Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50TC ETC1-AS4C1M16F5-50TC Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50TI ETC1-AS4C1M16F5-50TI Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
More results

Similar Description - AS4C1M16E5-60TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
MT4C1M16E5 MICRON-MT4C1M16E5 Datasheet
385Kb / 24P
   EDO DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
logo
Alliance Semiconductor ...
AS4CM4EOQ ALSC-AS4CM4EOQ Datasheet
353Kb / 16P
   4M X 4 CMOS Quad CAS DRAM (EDO) family
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
   5V 4M횞4 CMOS DRAM (Fast Page mode)
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com