Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3140B-3Q Datasheet(PDF) 1 Page - Sipex Corporation

Part # HS3140B-3Q
Description  14-Bit Multiplying DACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS3140B-3Q Datasheet(HTML) 1 Page - Sipex Corporation

  HS3140B-3Q Datasheet HTML 1Page - Sipex Corporation HS3140B-3Q Datasheet HTML 2Page - Sipex Corporation HS3140B-3Q Datasheet HTML 3Page - Sipex Corporation HS3140B-3Q Datasheet HTML 4Page - Sipex Corporation HS3140B-3Q Datasheet HTML 5Page - Sipex Corporation HS3140B-3Q Datasheet HTML 6Page - Sipex Corporation HS3140B-3Q Datasheet HTML 7Page - Sipex Corporation HS3140B-3Q Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
159
DESCRIPTION…
The SP7514 and HS3140 are precision 14-bit multiplying DACs, that provide four-quadrant
multiplication. Both parts accept both AC and DC reference voltages. The SP7514 is available
for use in commercial and industrial temperature ranges, packaged in a 20-pin SOIC. The
HS3140 is available in commercial and military temperature ranges, packaged in a 20-pin
side-brazed DIP.
s Monolithic Construction
s 14–Bit Resolution
s 0.003% Non-Linearity
s Four-Quadrant Multiplication
s Latch-up Protected
s Low Power - 30mW
s Single +15V Power Supply
96k
96k
48k
6k
20
17
SWITCHES ARE
SHOWN IN THE
HIGH STATE
1
I OUT1
R FEEDBACK
BIT 14
LSB
7
6
5
4
BIT 1
(MSB)
BIT 2 BIT 3
BIT 4
4 to 16 DECODE
3
18
GND
VDD
VREF
19
15 EQUAL
SECTIONS
2
I OUT2
96k
96k
SP7514
SP7514, HS3140
Corporation
SIGNAL PROCESSING EXCELLENCE
SP7514 and HS3140
14-Bit Multiplying DACs


Similar Part No. - HS3140B-3Q

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140B-3Q SIPEX-HS3140B-3Q Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
More results

Similar Description - HS3140B-3Q

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
logo
Analog Devices
AD5444 AD-AD5444 Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
logo
Linear Technology
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5444YRMZ AD-AD5444YRMZ Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444YRM-REEL AD-AD5444YRM-REEL Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com