Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3140B-4Q Datasheet(PDF) 3 Page - Sipex Corporation

Part # HS3140B-4Q
Description  14-Bit Multiplying DACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS3140B-4Q Datasheet(HTML) 3 Page - Sipex Corporation

  HS3140B-4Q Datasheet HTML 1Page - Sipex Corporation HS3140B-4Q Datasheet HTML 2Page - Sipex Corporation HS3140B-4Q Datasheet HTML 3Page - Sipex Corporation HS3140B-4Q Datasheet HTML 4Page - Sipex Corporation HS3140B-4Q Datasheet HTML 5Page - Sipex Corporation HS3140B-4Q Datasheet HTML 6Page - Sipex Corporation HS3140B-4Q Datasheet HTML 7Page - Sipex Corporation HS3140B-4Q Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
161
0.048%
0.024%
0.012%
0.006%
0.003%
4
6
8
10
12
14
16
18
V DD -VOLTS
Linearity vs. Supply Voltage
2.5
4
10
6
8
10
12
14
16
18
2.0
1.5
1.0
V
DD
-VOLTS
Power Supply Current vs. Voltage
0.048
0.024
0.012
0.006
0.003
0.01
0.1
1
10
VREF -VOLTS
Integral Linearity Error vs. Reference Voltage
50
40
30
20
10
0
010
2030
40
50
2 LSB
1 LSB
1/2 LSB @ 16 BITS
VOS-mV
Additional Linearity Error vs. Output-Amplifier
Offset-Voltage (V
REF = + 10V)
0.01
4
6
8
10
12
14
16
18
0.004
0.002
0
V
DD
-VOLTS
0.008
0.006
Gain Change vs. Supply Voltage
CHARACTERISTIC CURVES
(Typical @ + 25
°C, V
DD = + 15VDC, VREF = + 10VDC, unless otherwise noted)
SPECIFICATIONS (continued)
(Typical @ 25
°C, nominal power supply, V
REF = +10V, unipolar unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
SP7514JN/KN
0
+70
°C
SP7514AN/BN
–40
+85
°C
HS3140–C
0
+70
°C
HS3140–B
–55
+125
°C
HS3140–B/883
–55
+125
°C
Storage Temperature
–65
+150
°C
Package
SP7514_N
20-pin SOIC
HS3140
20–pin Side–Brazed DIP
Notes:
1.
Digital input voltage must not exceed supply voltage or go below –0.5V ; “0” <0.8V; 2.4V < “1”
≤V
DD.
2.
AC or DC; use R6758–1 for fixed reference applications
3.
Using the internal feedback resistor and an external op amp. The Scale Factor can be adjusted externally by variable resistors in series with the
reference input and/or in series to the internal feedback resistor. Please refer to the Applications Information section.
4.
At 25
°C; the output leakage current will create an offset voltage at the external op amps output. It doubles every 10°C temperature increase.
5.
Integral Linearity is measured as the arithmetic mean value of the magnitudes of the greatest positive deviation and the greatest negative deviation from
the theoretical value for any given input combination.
6.
Differential Linearity is the deviation of an output step form the theoretical value of 1LSB for any two adjacent digital input codes.
7.
At 25
°C, the output leakage current will create an offset voltage output. It doubles every 10°C temperature increase.
8.
Using the internal feedback resistor and an external op amp.
9.
Use series 470ohm resistor to limit start-up current.


Similar Part No. - HS3140B-4Q

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140B-4Q SIPEX-HS3140B-4Q Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
More results

Similar Description - HS3140B-4Q

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
logo
Analog Devices
AD5444 AD-AD5444 Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
logo
Linear Technology
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5444YRMZ AD-AD5444YRMZ Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444YRM-REEL AD-AD5444YRM-REEL Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com