Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ45A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMDJ45A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDJ45A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMDJ45A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDJ45A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDJ45A Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDJ45A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
3000 Watt Surface Mount TVS
UNI-
DIRECTIONAL
PART
NUMBER
DEVICE
MARKING
CODE
UNI-POLAR
DEVICE
MARKING
CODE
BI-
POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(It)
mA
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc (V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
SMDJ5.0
RDD
DDD
5.00
6.40
7.30
10
9.6
312.5
800
SMDJ5.0A
RDE
DDE
5.00
6.40
7.00
10
9.2
326.1
800
SMDJ6.0
RDF
DDF
6.00
6.67
8.15
10
11.4
263.2
800
SMDJ6.0A
RDG
DDG
6.00
6.67
7.37
10
10.3
291.3
800
SMDJ6.5
RDH
DDH
6.50
7.22
8.82
10
12.3
243.9
500
SMDJ6.5A
RDK
DDK
6.50
7.22
7.98
10
11.2
267.9
500
SMDJ7.0
PDL
DDL
7.00
7.78
9.51
10
13.3
225.6
200
SMDJ7.0A
PDM
DDM
7.00
7.78
8.60
10
12.0
250.0
200
SMDJ7.5
PDN
DDN
7.50
8.33
10.20
1
14.3
209.8
100
SMDJ7.5A
PDP
DDP
7.50
8.33
9.21
1
12.9
232.6
100
SMDJ8.0
PDQ
DDQ
8.00
8.89
10.90
1
15.0
200.0
50
SMDJ8.0A
PDR
DDR
8.00
8.89
9.83
1
13.6
220.6
50
SMDJ8.5
PDS
DDS
8.50
9.44
11.50
1
15.9
188.7
20
SMDJ8.5A
PDT
DDT
8.50
9.44
10.40
1
14.4
208.3
20
SMDJ9.0
PDU
DDU
9.00
10.00
12.20
1
16.9
177.5
10
SMDJ9.0A
PDV
DDV
9.00
10.00
11.10
1
15.4
194.8
10
SMDJ10
PDW
DDW
10.00
11.10
13.60
1
18.8
159.6
5
SMDJ10A
PDX
DDX
10.00
11.10
12.30
1
17.0
176.5
5
SMDJ11
PDY
DDY
11.00
12.20
14.90
1
20.1
149.3
5
SMDJ11A
PDZ
DDZ
11.00
12.20
13.50
1
18.2
164.8
5
SMDJ12
PED
DED
12.00
13.30
16.30
1
22.0
136.4
5
SMDJ12A
PEE
DEE
12.00
13.30
14.70
1
19.9
150.8
5
SMDJ13
PEF
DEF
13.00
14.40
17.60
1
23.8
126.1
5
SMDJ13A
PEG
DEG
13.00
14.40
15.90
1
21.5
139.5
5
SMDJ14
PEH
DEH
14.00
15.60
19.10
1
25.8
116.3
5
SMDJ14A
PEK
DEK
14.00
15.60
17.20
1
23.2
129.3
5
SMDJ15
PEL
DEL
15.00
16.70
20.40
1
26.9
111.5
5
SMDJ15A
PEM
DEM
15.00
16.70
18.50
1
24.4
123.0
5
SMDJ16
PEN
DEN
16.00
17.80
21.80
1
28.8
104.2
5
SMDJ16A
PEP
DEP
16.00
17.80
19.70
1
26.0
115.4
5
SMDJ17
PEQ
DEQ
17.00
18.90
23.10
1
30.5
98.4
5
SMDJ17A
PER
DER
17.00
18.90
20.90
1
27.6
108.7
5
SMDJ18
PES
DES
18.00
20.00
24.40
1
32.2
93.2
5
SMDJ18A
PET
DET
18.00
20.00
22.10
1
29.2
102.7
5
SMDJ20
PEU
DEU
20.00
22.20
27.10
1
35.8
83.8
5
SMDJ20A
PEV
DEV
20.00
22.20
24.50
1
32.4
92.6
5
SMDJ22
PEW
DEW
22.00
24.40
29.80
1
39.4
76.1
5
SMDJ22A
PEX
DEX
22.00
24.40
26.90
1
35.5
84.5
5
SMDJ24
PEY
DEY
24.00
26.70
32.60
1
43.0
69.8
5
SMDJ24A
PEZ
DEZ
24.00
26.70
29.50
1
38.9
77.1
5
SMDJ26
PFD
DFD
26.00
28.90
35.30
1
46.6
64.4
5
SMDJ26A
PFE
DFE
26.00
28.90
31.90
1
42.1
71.3
5
SMDJ28
PFF
DFF
28.00
31.10
38.00
1
50.1
59.5
5
SMDJ28A
PFG
DFG
28.00
31.10
34.40
1
45.4
66.1
5
SMDJ30
PFH
DFH
30.00
33.30
40.70
1
53.5
56.1
5
SMDJ30A
PFK
DFK
30.00
33.30
36.80
1
48.4
62.0
5
SMDJ33
PFL
DFL
33.00
36.70
44.90
1
59.0
50.8
5
SMDJ33A
PFM
DFM
33.00
36.70
40.60
1
53.3
56.3
5
8/6/2002


Similar Part No. - SMDJ45A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ45A MDE-SMDJ45A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
SMDJ45A LITTELFUSE-SMDJ45A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
DONGGUAN YOU FENG WEI E...
SMDJ45A YFWDIODE-SMDJ45A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shanghai Yint Electroni...
SMDJ45A YINT-SMDJ45A Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
logo
Littelfuse
SMDJ45A LITTELFUSE-SMDJ45A Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - SMDJ45A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com