Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4415CN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP4415CN
Description  Electroluminescent Lamp Driver with Selectable Level Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4415CN Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP4415CN Datasheet HTML 2Page - Sipex Corporation SP4415CN Datasheet HTML 3Page - Sipex Corporation SP4415CN Datasheet HTML 4Page - Sipex Corporation SP4415CN Datasheet HTML 5Page - Sipex Corporation SP4415CN Datasheet HTML 6Page - Sipex Corporation SP4415CN Datasheet HTML 7Page - Sipex Corporation SP4415CN Datasheet HTML 8Page - Sipex Corporation SP4415CN Datasheet HTML 9Page - Sipex Corporation SP4415CN Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SP4415DS/06
SP4415 Electroluminescent Lamp Driver
© Copyright 1996 Sipex Corporation
6
Level 4, 16 Coil pulses
100% of V
OUT
Level 3, 12 Coil pulses
85% of V
OUT
Level 2, 9 Coil pulses
80% of V
OUT
Level 1, 7 Coil pulses
75% of V
OUT
SP4415 Level Select Control
Full
Level 4
Level 3
Level 2
Level1
OFF
Enabled
Disabled
1 sec
Previously set level
Output Intensity
Level Select


Similar Part No. - SP4415CN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412 SIPEX-SP4412 Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
SamHop Microelectronics...
SP4412 SAMHOP-SP4412 Datasheet
117Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
SP4412ACN SIPEX-SP4412ACN Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
SP4412ACU SIPEX-SP4412ACU Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
More results

Similar Description - SP4415CN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
   Electroluminescent Lamp Driver
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
Sipex Corporation
SP4416 SIPEX-SP4416 Datasheet
92Kb / 13P
   Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com