Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8505 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP8505
Description  12-Bit Sampling A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8505 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP8505 Datasheet HTML 4Page - Sipex Corporation SP8505 Datasheet HTML 5Page - Sipex Corporation SP8505 Datasheet HTML 6Page - Sipex Corporation SP8505 Datasheet HTML 7Page - Sipex Corporation SP8505 Datasheet HTML 8Page - Sipex Corporation SP8505 Datasheet HTML 9Page - Sipex Corporation SP8505 Datasheet HTML 10Page - Sipex Corporation SP8505 Datasheet HTML 11Page - Sipex Corporation SP8505 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
50
The input resistance of the SP85XX Series is
6.3k
Ω or 4.2KΩ (for the ±10V and ±5V ranges
respectively). To avoid introducing distortion, the
source resistance must be very low, or constant
with signal level. The output impedance provided
by most op amps is ideal. Pins 26 Digital Supply
Voltage (V
SD) and 27 Analog Supply Voltage
(V
SA) are brought out to separate pins to maximize
accuracy on the chip. They should be connected
together as close as possible to the unit. Pin 27 may
be slightly more sensitive than pin 26 to supply
variations, but to maintain maximum system accu-
racy, both should be well–isolated from digital
supplies with wide load variations.
To limit the effects of digital switching elsewhere
in a system on the analog performance of the
system, it often makes sense to run a separate +5V
supply conductor from the supply regulator to any
analog components requiring +5V, including the
SP85XX Series. If the SP85XX Series traces
cannot be separated back to the power supply
terminals, and therefore share the same trace as the
logic supply currents, then a 10 Ohm isolating
resistor should be used between the board supply
and pin 24 (V
DA) and its bypass capacitors, to keep
V
DA glitch–free. The VS pins (26 and 27) should be
connected together and bypassed with a parallel
combination of a 6.8
µF Tantalum capacitor and a
0.1
µF ceramic capacitor located close to the con-
verter to obtain noise-free operation. (See Figure
1). Noise on the power supply lines can degrade
converterperformance,especiallynoiseandspikes
from a switching power supply. Appropriate sup-
plies or filters must be used.
TheGNDpins(5and16)arealsoseparatedinternally,
and should be directly connected to a ground plane
undertheconverter.Agroundplaneisusuallythebest
solution for preserving dynamic performance and
reducing noise coupling into sensitive converter cir-
cuits. Where any compromises must be made, the
common return of the analog input signal should be
referenced to pin 5, AGND, on the SP85XX Series,
which prevents any voltage drops that might occur in
the power supply common returns from appearing in
series with the input signal.
Couplingbetweenanaloginputanddigitallinesshould
be minimized by careful layout. For instance, if the
lines must cross, they should do so at right angles.
Parallel analog and digital lines should be separated
from each other by a pattern connected to common.
If external full scale and offset potentiometers are
used, the potentiometers and related resistors should
be located as close to the SP85XX Series as possible.
“Hot Socket” Precaution
Two separate +5V V
S pins, 26 and 27, are used to
minimize noise caused by digital transients. If one
pin is powered and the other is not, the SP85XX
Figure 4. Acquisition and Conversion Timing
R/C
BUSY
Converter
Mode
Acquisition
Conversion
Acquisition
Conversion
tAP
Hold Time
t C
t DBC
tB
SYMBOL/PARAMETER
MIN.
TYP.
MAX.
UNITS
t
DBC
BUSY delay from R/C
80
150
ns
t
B
BUSY Low
2.5
2.7
µs
SP8503
4.5
4.7
µs
SP8505
9.5
9.7
µs
SP8510
t
AP
Aperture Delay
13
ns
∆t
AP
Aperture Jitter
150
ps, rms
t
C
Conversion Time
2.47
2.70
µs
SP8503
4.47
4.70
µs
SP8505
9.47
9.70
µs
SP8510


Similar Part No. - SP8505

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SP85 AMPHENOL-SP85 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
SP85-A-A-202 AMPHENOL-SP85-A-A-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-B-202 AMPHENOL-SP85-A-B-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-D-202 AMPHENOL-SP85-A-D-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-E-202 AMPHENOL-SP85-A-E-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
More results

Similar Description - SP8505

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com