Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9840BN Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP9840BN
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9840BN Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP9840BN Datasheet HTML 2Page - Sipex Corporation SP9840BN Datasheet HTML 3Page - Sipex Corporation SP9840BN Datasheet HTML 4Page - Sipex Corporation SP9840BN Datasheet HTML 5Page - Sipex Corporation SP9840BN Datasheet HTML 6Page - Sipex Corporation SP9840BN Datasheet HTML 7Page - Sipex Corporation SP9840BN Datasheet HTML 8Page - Sipex Corporation SP9840BN Datasheet HTML 9Page - Sipex Corporation SP9840BN Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
266
ORDERING INFORMATION
Model
Reference Inputs
Temperature Range
Package
SP9840KN ................................... Eight, independent ............................................... 0
° to + 70°C ................................. 24–pin, 0.3" Plastic DIP
SP9840BN ................................... Eight, independent ............................................... –40
° to + 85°C ............................. 24–pin, 0.3" Plastic DIP
SP9840KS ................................... Eight, independent ............................................... 0
° to + 70°C ........................................... 24–pin, 0.3" SOIC
SP9840BS ................................... Eight, independent ............................................... –40
° to + 85°C ....................................... 24–pin, 0.3" SOIC
SP9843KS ................................... Four pair ............................................................... 0
° to + 70°C ........................................... 20–pin, 0.3" SOIC
SP9843BS ................................... Four pair ............................................................... –40
° to + 85°C ....................................... 20–pin, 0.3" SOIC


Similar Part No. - SP9840BN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841BN SIPEX-SP9841BN Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841BS SIPEX-SP9841BS Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841KN SIPEX-SP9841KN Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841KS SIPEX-SP9841KS Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
More results

Similar Description - SP9840BN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
logo
Analog Devices
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com