Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9840BS Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP9840BS
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9840BS Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP9840BS Datasheet HTML 2Page - Sipex Corporation SP9840BS Datasheet HTML 3Page - Sipex Corporation SP9840BS Datasheet HTML 4Page - Sipex Corporation SP9840BS Datasheet HTML 5Page - Sipex Corporation SP9840BS Datasheet HTML 6Page - Sipex Corporation SP9840BS Datasheet HTML 7Page - Sipex Corporation SP9840BS Datasheet HTML 8Page - Sipex Corporation SP9840BS Datasheet HTML 9Page - Sipex Corporation SP9840BS Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
265
The four digital control input pins have been
designed to accept TTL (0.8V to 2.0V minimum)
or full 5V CMOS input levels. The serial data
output can drive either TTL or CMOS inputs.
Timing information is shown in Figure 3. Serial
data is fully clocked into the shift–register after 12
clock rising edges, subject to the described setup
and hold times. After the shift–register data is
valid, the LOADH line can be pulsed high to load
data into the desired DAC data register, which
switches the DAC to the new input code. The serial
clock input should not see a rising edge while the
LOADH pulse is high in order to prevent shift–
register data from corruption during data register
loading.
The serial clock and data input pins are designed to be
compatibleasslavesunderNationalSemiconductor's
Microwire™ and MicrowirePlus™ protocols and
under Motorola's SPI™ and QSPI™ protocols. In
somemicro–controllers,theinterfaceiscompletedby
programming a bit in a general–purpose I/O port as a
level, used to strobe the LOADH line at the DACs.
This is done in a manner similar to that used for
generating a Chip Select signal, which is necessary
when driving some other Microwire™ peripherals.
Figure 3. Timing
CHARACTERISTICS
(Typical @ 25
°C with V
DD = +5V unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Input Clock Pulse Width (t
CH, tCL)50
ns
Data Setup Time (t
DS)30
ns
Data Hold Time (t
DH)20
ns
CLK to SDO Propagation Delay (t
PD)
100
ns
DAC Register Load Pulse Width (t
LD)50
ns
Preset Pulse Width (t
PR)50
ns
Clock Edge to Load Time (t
CKLD)30
ns
Load Edge to Next Clock Edge (tLDCK)
60
ns
1
0
A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
1
0
1
0
FS
0
SDI
CLOCK
LOAD
V
OUT
1
0
1
0
1
0
(FFH)
(08H)
SERIAL
DATA IN
SERIAL DATA INPUT TIMING DETAIL (PRESET = Logic "1"; VIN(X) = 1.5V; VREFL = 0V)
1
0
SERIAL
DATA OUT
CLOCK
LOAD
VOUT
tDS
tCH
tCL
tLD
tS
tLDCK
±1 LSB
ERROR BAND
tCLKD
tPD
tDH
AX or DX
1
0
PRESET
tS
tPR
±1 LSB
ERROR BAND
(FFH)
(08H)
VOUT


Similar Part No. - SP9840BS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841BN SIPEX-SP9841BN Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841BS SIPEX-SP9841BS Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841KN SIPEX-SP9841KN Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841KS SIPEX-SP9841KS Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
More results

Similar Description - SP9840BS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
logo
Analog Devices
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com