Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9840BS Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP9840BS
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9840BS Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP9840BS Datasheet HTML 2Page - Sipex Corporation SP9840BS Datasheet HTML 3Page - Sipex Corporation SP9840BS Datasheet HTML 4Page - Sipex Corporation SP9840BS Datasheet HTML 5Page - Sipex Corporation SP9840BS Datasheet HTML 6Page - Sipex Corporation SP9840BS Datasheet HTML 7Page - Sipex Corporation SP9840BS Datasheet HTML 8Page - Sipex Corporation SP9840BS Datasheet HTML 9Page - Sipex Corporation SP9840BS Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
262
LAST
D0
LSB
DATA
ADDRESS
D1
D2
D3
D4
D5
D6
D7
MSB
D7
D6
D5
D4
D3
D2
D1
D0
DAC Output Voltage
VOUT =
–2VREFL
A0
LSB
A1
A2
A3
MSB
A3
A2
A1
A0
DAC Updated
FIRST
0
0
0
0
0
0
0
0
1
1
.
.
1
0
0
0
1
1
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
.
.
.
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
1
1
0
1
0
1
0
0
0
0
1
1
1
1
0
0
.
.
1
0
0
1
1
0
0
1
1
0
0
.
.
1
0
1
0
1
0
1
0
1
0
1
.
.
1
No Operation
DACA
DACB
DACC
DACD
DACE
DACF
DACG
DACH
No Operation
.
.
No operation
.
.
.
D
VV
V
IN
REFL
REF
128
1

 ∗−
() +
Table 1. Serial Input Decoded Truth Table
In reality, it is possible to define a DC voltage as a
signal ground in a single supply system. If the DAC's
V
REFL pin is driven to the voltage chosen as pseudo–
ground, then each voltage output will exhibit 4–
quadrant behavior with respect to pseudoground. For
codes greater than 128, the output voltage will enter
the quadrant below the pseudoground voltage when
the input voltage goes below pseudoground. For
codes less than 128, the output voltage will be below
pseudogroundwhentheinputisabovepseudoground.
When V
REFL is driven to some positive voltage and
V
IN(X) is grounded, the device performs as if it
were a buffered trimpot tied between ground and
a voltage equal to two times V
REFL. This mode of
operation can be used as an "inverted single–
quadrant" source with an approximate range of 0 to
(V
REFL*2)Volts. Because the output voltage will
decrease as the code is increased, this mode is
considered to be inverted with respect to normal
single–quadrant operation. Note that the mini-
mum output voltage will be 1LSB above V
IN(X).
Figure 2a and 2b show "inverted single–quadrant"
and 4–quadrant performance of the SP9840/9843.
very precise when describing a system which runs
fromasinglepositivesupply.Traditionally,thequad-
rants have been defined with respect to 0V. A two–
quadrant multiplying DAC could produce negative
output voltages only if a negative voltage reference
were applied. A four–quadrant device could also
produce a code–controlled negative output from a
positive reference, or a code–controlled positive out-
put from a negative reference. If ground is used to
delineate the quadrants, then the SP9840/SP9843
should be considered single–quadrant multiplying
devices, as their output op amps cannot produce
voltages below ground.
+
DAC
3
V
REFL
+5V
V
DD
V
IN(X)
V
OUT
V
D
VV
V
OUT
IN
REFL
REFL
=−
+

()
128
1
Figure 1. DAC and Output Amplifier Circuit


Similar Part No. - SP9840BS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841BN SIPEX-SP9841BN Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841BS SIPEX-SP9841BS Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841KN SIPEX-SP9841KN Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841KS SIPEX-SP9841KS Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
More results

Similar Description - SP9840BS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
   8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
logo
Analog Devices
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com