Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK353G Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK353G
Description  Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK353G Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK353G Datasheet HTML 3Page - Power Integrations, Inc. LNK353G Datasheet HTML 4Page - Power Integrations, Inc. LNK353G Datasheet HTML 5Page - Power Integrations, Inc. LNK353G Datasheet HTML 6Page - Power Integrations, Inc. LNK353G Datasheet HTML 7Page - Power Integrations, Inc. LNK353G Datasheet HTML 8Page - Power Integrations, Inc. LNK353G Datasheet HTML 9Page - Power Integrations, Inc. LNK353G Datasheet HTML 10Page - Power Integrations, Inc. LNK353G Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LNK353/354
F
2/05
7
ABSOLUTE MAXIMUM RATINGS(1,5)
DRAIN Voltage ..................................................-0.3Vto700V
PeakDRAINCurrent......................................400mA (750mA)(2)
FEEDBACKVoltage................................................-0.3Vto9V
FEEDBACK Current .................................................... 100 mA
BYPASSVoltage......................................................-0.3Vto9V
StorageTemperature..........................................-65°C to150°C
OperatingJunctionTemperature(3).....................-40°C to150°C
LeadTemperature(4)..........................................................260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. The higher peak DRAIN current is allowed while the
DRAIN voltage is less than 400 V.
3. Normally limited by internal circuitry.
4. 1/16 in. from case for 5 seconds.
5. Maximum ratings specified may be applied, one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
THERMAL IMPEDANCE
Thermal Impedance: P or G Package:
JA) ........................... 70 °C/W
(2)
; 60 °C/W(3)
JC)
(1)
............................................... 11 °C/W
Notes:
1. Measured on pin 2 (SOURCE) close to plastic interface.
2. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
3. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS
Output Frequency
f
OSC
T
J = 25 °C
Average
186
200
214
kHz
Peak-Peak Jitter
16
Maximum Duty
Cycle
DC
MAX
S2 Open
60
63
%
FEEDBACK Pin
Turnoff Threshold
Current
I
FB
T
J = 25 °C
30
49
68
µ
A
FEEDBACK Pin
Voltage
V
FB
I
FB = 49 µA
1.54
1.65
1.76
V
DRAIN Supply
Current
I
S1
V
FB ≥2 V
(MOSFET Not Switching)
See Note A
200
275
µ
A
I
S2
FEEDBACK Open
(MOSFET Switching)
See Notes A, B
280
365
µ
A
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V, TJ = 25 °C
See Note C
-5.5
-3.3
-1.8
mA
I
CH2
V
BP = 4 V, TJ = 25 °C
See Note C
-3.8
-2.1
-1.0
BYPASS Pin
Voltage
V
BP
5.55
5.8
6.10
V
BYPASS Pin
Voltage Hysteresis
V
BPH
0.8
0.95
1.2
V


Similar Part No. - LNK353G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK353G POWERINT-LNK353G Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353G POWERINT-LNK353G Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
More results

Similar Description - LNK353G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
LNK354PN POWERINT-LNK354PN Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com